Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC74HC112AFN Datasheet(PDF) 6 Page - Toshiba Semiconductor |
|
TC74HC112AFN Datasheet(HTML) 6 Page - Toshiba Semiconductor |
6 / 10 page TC74HC112AP/AF/AFN 2007-10-01 6 AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns) Test Condition Ta = 25°C Ta = −40 to 85°C Characteristics Symbol VCC (V) Min Typ. Max Min Max Unit Output transition time tTLH tTHL ⎯ 2.0 4.5 6.0 ⎯ ⎯ ⎯ 30 8 7 75 15 13 ⎯ ⎯ ⎯ 95 19 16 ns Propagation delay time ( CK -Q, Q ) tpLH tpHL ⎯ 2.0 4.5 6.0 ⎯ ⎯ ⎯ 52 16 14 125 25 21 ⎯ ⎯ ⎯ 155 31 26 ns Propagation delay time ( CLR , PR -Q, Q) tpLH tpHL ⎯ 2.0 4.5 6.0 ⎯ ⎯ ⎯ 68 17 15 135 27 23 ⎯ ⎯ ⎯ 170 34 29 ns Maximum clock frequency fmax ⎯ 2.0 4.5 6.0 6 30 34 19 63 71 ⎯ ⎯ ⎯ 4 24 28 ⎯ ⎯ ⎯ MHz Input capacitance CIN ⎯ ⎯ 5 10 ⎯ 10 pF Power dissipation capacitance CPD (Note) ⎯ ⎯ 35 ⎯ ⎯ ⎯ pF Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD・VCC・fIN + ICC/2 (per F/F) |
Número de pieza similar - TC74HC112AFN |
|
Descripción similar - TC74HC112AFN |