Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74HC107AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TC74HC107AF
Descripción Electrónicos  CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC107AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74HC107AF_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC107AF_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC107AF_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC107AF_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC107AF_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC107AF_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC107AF_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC107AF_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC107AF_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC74HC107AP/AF/AFN
2007-10-01
3
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2~6
V
Input voltage
VIN
0~VCC
V
Output voltage
VOUT
0~VCC
V
Operating temperature
Topr
−40~85
°C
Input rise and fall time
tr, tf
0~1000 (VCC = 2.0 V)
0~500 (VCC = 4.5 V)
0~400 (VCC = 6.0 V)
ns
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
2.0
20.0
μA


Número de pieza similar - TC74HC107AF_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC107AFN TOSHIBA-TC74HC107AFN Datasheet
281Kb / 7P
   DUAL J - K FLIP FLOP WITH CLEAR
More results

Descripción similar - TC74HC107AF_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC109AF TOSHIBA-TC74HC109AF_07 Datasheet
313Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip-Flop with Preset and Clear
TC74ACT112P TOSHIBA-TC74ACT112P Datasheet
311Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
TC74AC112P TOSHIBA-TC74AC112P_07 Datasheet
313Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
TC74AC109P TOSHIBA-TC74AC109P Datasheet
312Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
logo
STMicroelectronics
M54HC107 STMICROELECTRONICS-M54HC107 Datasheet
248Kb / 11P
   DUAL J-K FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC107AF TOSHIBA-TC74HC107AF Datasheet
281Kb / 7P
   DUAL J - K FLIP FLOP WITH CLEAR
TC74ACT175P TOSHIBA-TC74ACT175P_07 Datasheet
309Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74AC174P TOSHIBA-TC74AC174P_07 Datasheet
272Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex D-Type Flip Flop with Clear
TC74AC273P TOSHIBA-TC74AC273P_07 Datasheet
230Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
TC74AC175F TOSHIBA-TC74AC175F_07 Datasheet
274Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com