Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP197G Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TLP197G
Descripción Electrónicos  Measurement Instrumentation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP197G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP197G Datasheet HTML 1Page - Toshiba Semiconductor TLP197G Datasheet HTML 2Page - Toshiba Semiconductor TLP197G Datasheet HTML 3Page - Toshiba Semiconductor TLP197G Datasheet HTML 4Page - Toshiba Semiconductor TLP197G Datasheet HTML 5Page - Toshiba Semiconductor TLP197G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP197G
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP197G
Modem
Fax
PBX
Measurement Instrumentation
The TOSHIBA mini flat photo relay TLP197G is a small
outline photo relay,suitable for surface mount assembly.
The TLP197G consists of an gallium arsenide infrared emitting diode
optically coupled to a photo―MOS FET in a six lead 2.1mm height
package, which enable TLP197G to be applied in card modems.
The TLP197G is a bi―directional switch which can replace mechanical
relays in fax machines and modems etc.
• SOP 6pin(2.54SOP6): 1−form−A
• Peak off−state voltage: 350V (min)
• Trigger LED current: 3mA (max)
• On−state current:120mA(max)
(A connection)
• On−state resistance: 35Ω(max)
• Isolation voltage: 1500Vrms (min)
• UL recognized: UL1577, file No./E67349
• BSI approved: BS EN60065: 2002, certificate No.8753
BS EN60950-1: 2002, certificate No.8754
• SEMKO approved: SS EN60065
SS EN60950
• Option(V4)type
TUV approved: DIN EN 60747-5-2
Certificate no. 40009351
Pin Configuration (top view)
1 : Anode
2 : Cathode
3 : NC
4 : Drain D1
5 : Source
6 : Drain D2
1
3
2
6
4
5
6
4
13
1-Form-a
Schematic
1
2
6
4
5
Unit in mm
JEDEC
EIAJ
TOSHIBA
Weight: 0.13g


Número de pieza similar - TLP197G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP197G TOSHIBA-TLP197G Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
   Measurement Instrumentation
More results

Descripción similar - TLP197G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA Datasheet
155Kb / 5P
   Measurement Instrumentation
TLP598AA TOSHIBA-TLP598AA Datasheet
154Kb / 5P
   Measurement Instrumentation
TLP597A TOSHIBA-TLP597A_07 Datasheet
159Kb / 6P
   MEASUREMENT INSTRUMENTATION
TLP206GA TOSHIBA-TLP206GA Datasheet
180Kb / 6P
   Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_07 Datasheet
155Kb / 5P
   Measurement Instrumentation
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
   Measurement Instrumentation
TLP599B TOSHIBA-TLP599B Datasheet
183Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_14 Datasheet
181Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP599A TOSHIBA-TLP599A Datasheet
143Kb / 5P
   Telecommunication Data Acquisit Measurement Instrumentation
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com