Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74HC151AP Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TC74HC151AP
Descripción Electrónicos  8-Channel Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC151AP Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74HC151AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC151AP_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC74HC151AP/AF/AFN
2007-10-01
3
System Diagram
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7
V
DC input voltage
VIN
−0.5 to VCC + 0.5
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP)
mW
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta
= −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C shall be
applied until 300 mW.


Número de pieza similar - TC74HC151AP_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC151AP TOSHIBA-TC74HC151AP Datasheet
292Kb / 7P
   8 - CHANNEL MULTIPLEXER
More results

Descripción similar - TC74HC151AP_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
   8-Channel Multiplexer
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
   8-CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
   8 - CHANNEL MULTIPLEXER
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151_01 Datasheet
338Kb / 12P
   8 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74ACT151F TOSHIBA-TC74ACT151F_12 Datasheet
264Kb / 7P
   8-Channel Multiplexer
logo
STMicroelectronics
M54HC151 STMICROELECTRONICS-M54HC151 Datasheet
248Kb / 11P
   8 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F Datasheet
272Kb / 6P
   8 CHANNEL MULTIPLEXER
TC74ACT151P TOSHIBA-TC74ACT151P Datasheet
265Kb / 6P
   8 CHANNEL MULTIPLEXER
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
   8-Channel Digital Multiplexer
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com