Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74HC155AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC74HC155AP
Descripción Electrónicos  Dual 2-to-4 Line Decoder 3-to-8 Line Decoder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC155AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC155AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC155AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC155AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC155AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC155AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC155AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC155AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC155AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC155AP Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74HC155AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC155AP,TC74HC155AF,TC74HC155AFN
Dual 2-to-4 Line Decoder 3-to-8 Line Decoder
The TC74HC155A is a high speed CMOS DUAL 2-to-4 LINE
DECODER fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
It features dual 1-to-4 line demultiplexers with individual
strobe input (1G and 2G), individual data inputs (1C and 2C) and
common binary address inputs (A and B).
When both decoders are enabled by the strobes, the inverted
output of 1C data and non-inverted output of 2C data will be
brought to the selected output pins of each section.
A 1-to-8 line demultiplexer can be easily built up by providing
a data signal to both the 1C and 2C inputs; the output order will
be 1Y3 (MSB), 1Y2, 1Y1, 1Y0, 2Y3, 2Y2, 2Y1, 2Y0 (LSB).
This device can be used as a 2-to-4 line decoder or a 3-to-8 line
decoder when 1C is held high and 2C is held low.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 12 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS155
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC155AP
TC74HC155AF
TC74HC155AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Número de pieza similar - TC74HC155AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC155AP TOSHIBA-TC74HC155AP Datasheet
281Kb / 7P
   DUAL 2-TO-4 LINE DECODER / DUAL 3-TO-8 LINE DECODER
More results

Descripción similar - TC74HC155AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M54HC155 STMICROELECTRONICS-M54HC155 Datasheet
244Kb / 11P
   DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74HC155AP TOSHIBA-TC74HC155AP Datasheet
281Kb / 7P
   DUAL 2-TO-4 LINE DECODER / DUAL 3-TO-8 LINE DECODER
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
TC74VHC139F TOSHIBA-TC74VHC139F_07 Datasheet
227Kb / 8P
   Dual 2-to-4 Line Decoder
TC74AC139P TOSHIBA-TC74AC139P Datasheet
271Kb / 6P
   DUAL 2 - TO - 4 LINE DECODER
TC74HCT139AP TOSHIBA-TC74HCT139AP_07 Datasheet
283Kb / 8P
   Dual 2-to-4 Line Decoder
TC74VHC139F TOSHIBA-TC74VHC139F_08 Datasheet
227Kb / 9P
   Dual 2-to-4 Line Decoder
TC74AC139F TOSHIBA-TC74AC139F_12 Datasheet
233Kb / 8P
   Dual 2-to-4 Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com