Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP621-2 Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TLP621-2
Descripción Electrónicos  Programmable Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP621-2 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP621-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP621-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP621-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP621-2 Datasheet HTML 4Page - Toshiba Semiconductor TLP621-2 Datasheet HTML 5Page - Toshiba Semiconductor TLP621-2 Datasheet HTML 6Page - Toshiba Semiconductor TLP621-2 Datasheet HTML 7Page - Toshiba Semiconductor TLP621-2 Datasheet HTML 8Page - Toshiba Semiconductor TLP621-2 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TLP621,TLP621
−2,TLP621−4
2007-10-01
4
Absolute Maximum Ratings (Ta = 25°C)
Rating
Characteristic
Symbol
TLP621
TLP621
−2
TLP621
−4
Unit
Forward current
IF
60
50
mA
Forward current derating
ΔIF /°C
−0.7 (Ta > 39°C)
−0.5 (Ta = 25°C)
mA /°C
Pulse forward current
IFP
1 (100μs pulse, 100pps)
A
Power dissipation
PD
100
70
mW
Power dissipation derating
ΔPD /°C
−1.0
−0.7
mW /°C
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Collector
−emitter voltage
VCEO
55
V
Emitter
−collector voltage
VECO
7
V
Collector current
IC
50
mA
Collector power dissipation
(1 circuit)
PC
150
100
mW
Collector power dissipation derating
(1 circuit, Ta ≥ 25°C)
ΔPC /°C
−1.5
−1.0
mW /°C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−55~100
°C
Lead soldering temperature
Tsol
260 (10 s)
°C
Total package power dissipation
PT
250
150
mW
Total package power dissipation derating
(Ta ≥ 25°C)
ΔPT /°C
−2.5
−1.5
mW /°C
Isolation voltage
(Note 1)
BVS
5000 (AC, 1min., R.H.≤ 60%)
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) Device considered a two terminal: LED side pins shorted together, and detector side pins shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
5
24
V
Forward current
IF
16
20
mA
Collector current
IC
1
10
mA
Operating temperature
Topr
−25
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.


Número de pieza similar - TLP621-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP621-2 TOSHIBA-TLP621-2 Datasheet
425Kb / 10P
   PROGRAMMABLE CONTROLLER AC/DC-INPUT MODULE SOLID STATE RELAY
logo
ISOCOM COMPONENTS
TLP621-2 ISOCOM-TLP621-2 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP621-2 TOSHIBA-TLP621-2 Datasheet
208Kb / 10P
   Programmable Controller AC / DC?묲nput Module Solid State Relay
TLP621-2 TOSHIBA-TLP621-2 Datasheet
208Kb / 10P
   Programmable Controller AC / DC?묲nput Module Solid State Relay
TLP621-2 TOSHIBA-TLP621-2 Datasheet
208Kb / 10P
   Programmable Controller AC / DC?묲nput Module Solid State Relay
More results

Descripción similar - TLP621-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
SELEC Controls Pvt. Ltd
MM1013 SELEC-MM1013 Datasheet
80Kb / 2P
   Programmable Logic Controller
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com