Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP597A Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TLP597A
Descripción Electrónicos  MEASUREMENT INSTRUMENTATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP597A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP597A Datasheet HTML 1Page - Toshiba Semiconductor TLP597A Datasheet HTML 2Page - Toshiba Semiconductor TLP597A Datasheet HTML 3Page - Toshiba Semiconductor TLP597A Datasheet HTML 4Page - Toshiba Semiconductor TLP597A Datasheet HTML 5Page - Toshiba Semiconductor TLP597A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP597A
2007-10-01
1
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP597A
TELECOMMUNICATION
DATA ACQUISITION
MEASUREMENT INSTRUMENTATION
The TOSHIBA TLP597A consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a photo-MOS FET in a six
lead plastic DIP package (DIP6).
The TLP597A is a bi-directional switch can replace mechanical relays in
many applications.
Features
• 6 pin DIP (DIP6)
• 1-Form-A
• Peak Off-State Voltage
: 60 V (MIN.)
• Trigger LED Current
: 3 mA (MAX.)
• On-State Current
: 500 mA (MAX.)
• On-State Resistance
: 2
Ω (MAX.)
• Isolation Voltage
: 2500 Vrms (MIN.)
• UL Recognized
: UL1577, File No. E67349
Pin Configuration (top view)
1 : ANODE
2 : CATHODE
3 : N.C.
4 : DRAIN D1
5 : SOURCE
6 : DRAIN D2
1
2
3
6
5
4
Schematic
1
2
6
5
4
Unit: mm
JEDEC
EIAJ
TOSHIBA
11
−7A8
Weight: 0.4 g


Número de pieza similar - TLP597A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP597A TOSHIBA-TLP597A Datasheet
134Kb / 6P
   TELECOMMUNICATION DATA ACQUISITION MEASUREMENT INSTRUMENTATION
TLP597A TOSHIBA-TLP597A_14 Datasheet
185Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
More results

Descripción similar - TLP597A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA Datasheet
155Kb / 5P
   Measurement Instrumentation
TLP598AA TOSHIBA-TLP598AA Datasheet
154Kb / 5P
   Measurement Instrumentation
TLP206GA TOSHIBA-TLP206GA Datasheet
180Kb / 6P
   Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_07 Datasheet
155Kb / 5P
   Measurement Instrumentation
TLP197G TOSHIBA-TLP197G_07 Datasheet
181Kb / 6P
   Measurement Instrumentation
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
   Measurement Instrumentation
TLP599B TOSHIBA-TLP599B Datasheet
183Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_14 Datasheet
181Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP599A TOSHIBA-TLP599A Datasheet
143Kb / 5P
   Telecommunication Data Acquisit Measurement Instrumentation
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com