Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1359 Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza 2SA1359
Descripción Electrónicos  Audio Frequency Power Amplifier Low-Speed Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1359 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SA1359_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1359_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1359_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1359_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1359
2006-11-09
2
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −40 V, IE = 0
−100
nA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −10 mA, IB = 0
−40
V
hFE (1)
(Note)
VCE = −2 V, IC = −0.5 A
80
240
DC current gain
hFE (2)
VCE = −2 V, IC = −2.5 A
25
Collector-emitter saturation voltage
VCE (sat)
IC = −2 A, IB = −0.2 A
−0.8
V
Base-emitter voltage
VBE
VCE = −2 V, IC = −0.5 A
−1.0
V
Transition frequency
fT
VCE = −2 V, IC = −0.5 A
100
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
35
pF
Note: hFE (1) classification O: 80 to 160, Y: 120 to 240
Marking
A1359
Part No. (or abbreviation code)
Characteristics indicator
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.


Número de pieza similar - 2SA1359_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
2SA1359 JMNIC-2SA1359_15 Datasheet
205Kb / 4P
   Silicon PNP Power Transistors
More results

Descripción similar - 2SA1359_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2SD381 ETC-2SD381 Datasheet
45Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
First Silicon Co., Ltd
FTD882 FS-FTD882 Datasheet
120Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
logo
List of Unclassifed Man...
2SD795 ETC-2SD795 Datasheet
42Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
2SD809 ETC-2SD809 Datasheet
39Kb / 1P
   Audio Frequency Power Amplifier,Low Speed Switching
logo
First Silicon Co., Ltd
FTB772 FS-FTB772 Datasheet
117Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
FTD882S FS-FTD882S Datasheet
218Kb / 2P
   AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
logo
Samsung semiconductor
KSD882 SAMSUNG-KSD882 Datasheet
202Kb / 6P
   NPN (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Continental Device Indi...
CSB772 CDIL-CSB772 Datasheet
136Kb / 3P
   Audio Frequency Power Amplifier and Low Speed Switching
logo
Samsung semiconductor
KSB772 SAMSUNG-KSB772 Datasheet
264Kb / 7P
   PNP (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Toshiba Semiconductor
2SA1359 TOSHIBA-2SA1359 Datasheet
154Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER. LOW SPEED SWITCHING)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com