Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GS4915-INE3 Datasheet(PDF) 22 Page - Gennum Corporation

No. de Pieza. GS4915-INE3
Descripción  ClockCleaner™
Descarga  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo 

GS4915-INE3 Datasheet(HTML) 22 Page - Gennum Corporation

 
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
GS4915 Data Sheet
39145 - 3
November 2007
22 of 26
4. Typical Application Circuit
Figure 4-1: GS4915 Typical Application Circuit
C6 10n
I.8V_D
C2*
VCO_GND
1.8V_D
LOCK
3.3V
RESET
DOUBLE
CTRL1
CTRL0
MAN/AUTOb
BY PASS
1u
SKEW_EN
PCLK
C1
10n
1.8V_A
VCO_GND
CLKIN
4
PD_VDD
3
CLKIN
5
AGND
6
IN_VDD
7
CLKIN_SE
8
AGND
9
RESET
10
LOCK
21
GND
22
SE_VDD
23
CLKOUT_SE
24
D_VDD
25
DIFF_OUT_VDD
27
CLKOUT
28
CLKOUT
29
AGND
30
AGND
26
REG_VDD
1
AGND
2
U2
GS4915
VCO_VDD
VCTR
5
GND
2
VCC
7
O/P
1
NC
3
GND
6
U1
GO1525
AGND
AGND
DGND2
DGND2
Controlled impedance 50-ohms
VCO_GND
VCO_VDD
R5
10K
VCO_GND
3.3V
1.8V_A
1.8V_D
IPSEL
PCLK_SE
PCLKIN
PCLKIN
PCLKIN_SE
Zo = 100 ohms differential
GND_PAD
AGND
VCO_GND
AGND
R8
0R
3.3V
AGND
C11
0.1u
AGND
C12
0.1u
1.8V_A
AGND
C13
0.1u
AGND
C14
0.1u
AGND
C15
0.1u
DGND2
C16
0.1u
1.8V_D
AGND
C17
0.1u
DGND2
C18
0.1u
1.8V_A
1.8V_A
AGND
1.8V_D
DGND2
C22
10u
VCO_GND
GO1555
PCLK
R15
150K
R16
150K
VCO_VDD
R1*
R6
100R
Zo = 100 ohms differential
3.3V
3.3V
AGND
C28
10u
C19
10u
1.8V_D
Pin 15
Pin 25
C10 0.1u
Pin 27
Pin 7
Pin 32
Pin 3
Pin 1
Pin 23
*Refer to Table 3-1 in
Section 3.3.3 for R & C
Loop Filter component
values.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn