Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GS4915-INE3 Datasheet(PDF) 23 Page - Gennum Corporation

No. de Pieza. GS4915-INE3
Descripción  ClockCleaner™
Descarga  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo 

GS4915-INE3 Datasheet(HTML) 23 Page - Gennum Corporation

 
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
GS4915 Data Sheet
39145 - 3
November 2007
23 of 26
5. References & Relevant Standards
Table 5-1: References & Relevant Standards
EIA/JEDEC JESD8-B
Interface standard for 3V/3.3V Supply Digital Integrated
Circuits
EIA/JEDEC JESD8-7
Interface standard for 1.8-V Supply Digital Integrated Circuits
TIA/EIA-644-A
Electrical Characteristics of Low Voltage Differential Signaling
(LVDS) Interface Circuits
SMPTE 240M-1999
1125-Line High Definition Production Systems - Signal
Parameters
SMPTE 259M-1997
10-bit 4:2:2 Component and 4fsc Composite Digital Signals -
Serial Digital Interface
SMPTE 274M-1998
1920 x 1080 Scanning and Analog and Parallel Digital
Interfaces for Multiple Picture Rates
SMPTE 292M-1998
Bit-Serial Digital Interface for High-Definition Television
Systems
SMPTE 294M-1997
720 x 483 Active Line at 59.94-Hz Progressive Scan
Production - Bit-Serial Interfaces
SMPTE 295M-1997
1920 x 1080 50 Hz - Scanning and Interfaces
SMPTE 296M-1997
1280 x 720 Scanning, Analog and Digital Representation and
Analog Interface
SMPTE RP 184-2004
Specification of Jitter in Bit-Serial Digital Systems
SMPTE RP 211-2000
Implementation of 24P, 25P and 30P Segmented Frames for
1920 x 1080 Production Format
ITU-R BT.656
Interface for Digital Component Video Signals in 525-Line and
625-Line Television Systems
ITU-R BT.709-4
Parameter Values for the HDTV Standards for Production and
International Program Exchange


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn