Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP361J Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TLP361J
Descripción Electrónicos  GaAs Ired & Photo-Triac
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP361J Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP361J Datasheet HTML 1Page - Toshiba Semiconductor TLP361J Datasheet HTML 2Page - Toshiba Semiconductor TLP361J Datasheet HTML 3Page - Toshiba Semiconductor TLP361J Datasheet HTML 4Page - Toshiba Semiconductor TLP361J Datasheet HTML 5Page - Toshiba Semiconductor TLP361J Datasheet HTML 6Page - Toshiba Semiconductor TLP361J Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP361J
2007-10-01
5
Normalized IH – Ta
Ambient temperature Ta (°C)
3
0.1
40
2
1.2
0.5
20
0
20
40
60
80
1
0.3
100
Normalized IFT – Ta
Ambient temperature Ta (°C)
3
0.1
40
2
1.2
0.5
20
0
20
40
60
80
1
0.3
100
VT = 3 V
Normalized VIH – Ta
Ambient temperature Ta (°C)
3
0.1
40
2
1.2
0.5
20
0
20
40
60
80
1
0.3
100
IF = Rated IFT
Normalized IIH – Ta
Ambient temperature Ta (°C)
3
0.1
40
2
1.2
0.5
20
0
20
40
60
80
1
0.3
100
IF = Rated IFT
VT = Rated VDRM
Normalized IDRM – Ta
Ambient temperature Ta (°C)
10
3
0
10
2
10
1
10
0
20
40
60
80
100
VDRM = Rated
Normalized VDRM – Ta
Ambient temperature Ta (°C)
0.2
1.4
1.2
0.8
0.4
1.0
0.6
40
20
0
20
40
60
80
100
*: The above graphs show typical characteristics.


Número de pieza similar - TLP361J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP361JF TOSHIBA-TLP361JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP361J TOSHIBA-TLP361J_14 Datasheet
207Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
More results

Descripción similar - TLP361J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP363J TOSHIBA-TLP363J Datasheet
182Kb / 7P
   GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J_07 Datasheet
199Kb / 6P
   GaAs IRED Photo-Triac
TLP361JF TOSHIBA-TLP361JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP360J TOSHIBA-TLP360J_07 Datasheet
158Kb / 6P
   GaAs Ired & Photo-Triac
TLP360JF TOSHIBA-TLP360JF Datasheet
120Kb / 2P
   GaAs Ired & Photo-Triac
TLP363JF TOSHIBA-TLP363JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
   GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
   GaAs IRed & Photo−Triac
TLP560G TOSHIBA-TLP560G_07 Datasheet
205Kb / 6P
   GaAs Ired & Photo−Triac
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
   GaAs Ired & Photo−Triac
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com