Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TA48L018F Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de Pieza. TA48L018F
Descripción  Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

TA48L018F Datasheet(HTML) 8 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TA48L018,02,025,03,033,05F
2006-11-02
8
Tj = 40°C
TA48L033F
VIN = 5.3 V
0
0
2
3
4
150
1
100
50
25°C
125°C
85°C
IB – Tj
IB – IOUT
VOUT – IOUT
ISC – Tj
Junction temperature Tj (°C)
Output current IOUT (mA)
Output current IOUT (mA)
Junction temperature Tj (°C)
ISC – VD
R.R. – f
Dropout voltage VD (V)
Frequency f (kHz)
IOUT = 0.1 A
50
TA48L033F
VIN = 5.3 V
0
−50
2
3
4
150
1
100
0
40 mA
0 A
50
TA48L033F
VIN = 5.3 V
0
−50
200
300
400
150
100
100
0
6
TA48L033F
Tj = 25°C
0
0
200
300
400
15
100
9
3
12
200
TA48L033F
VIN = 5.3 V
Tj = 25°C
0
0
2
3
4
400
1
300
100
1
TA48L033F
VIN = 5.3 V
IOUT = 40 mA
0
0.01
40
60
80
100
20
10
0.1


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn