Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TA48L018F Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de Pieza. TA48L018F
Descripción  Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

TA48L018F Datasheet(HTML) 1 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TA48L018,02,025,03,033,05F
2006-11-02
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA48L018F, TA48L02F, TA48L025F,
TA48L03F, TA48L033F, TA48L05F
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V
Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
The TA48L**F series consists of fixed-positive-output,
low-dropout regulators with an output current of 1 A (max) that
utilize V-PNP transistors for the output stage. In response to the
need for low-voltage and low-power dissipation devices for use in
consumer electronics and industrial appliances, the series offers
devices with low output voltages: 1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5
V.
Features
Maximum output current: 0.15 A
Output voltage accuracy: VOUT ± 3% (@Tj = 25°C)
Low standby current: 400 μA (typ.) (@IOUT = 0 A)
Low-dropout voltage: VD = 0.5 V (max) (@IOUT = 100 mA)
Protection function: overheat/overcurrent
Package type: PW-MINI (SOT-89) package
Pin Assignment/Marking
Part No.
(or abbreviation code)
Part No.
AI
TA48L018F
BI
TA48L02F
CI
TA48L025F
DI
TA48L03F
EI
TA48L033F
*1
FI
TA48L05F
How to Order
Product No.
Package
Packing Type and Unit for Orders
TA48L**F
On cut tape (TE12L): 100/tape section
TA48L**F (TE12L)
PW-MINI (SOT-89)
Surface-mount package
Embossed tape: 1000 pcs/tape
Weight: 0.05 g (typ.)
A
I
Part No.
(or abbreviation code) *1
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Lot No.
(weekly code)
2
3
1
3
1: IN
2: OUT
3: GND


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn