Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TA48LS015F Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de Pieza. TA48LS015F
Descripción  300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

TA48LS015F Datasheet(HTML) 1 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TA48LS015, 018, 025, 033, 05F
2007-06-22
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA48LS015F, TA48LS018F, TA48LS025F,
TA48LS033F, TA48LS05F
300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
The TA48LS***F series consists of small-surface mount type
low-dropout regulators with an output current of 300mA
(maximum) and an ON/OFF control switch. Control by an EN
(ON/OFF) terminal enables the regulator to be operated only
when required (output ON).
Therefore these newly developed regulators are suitable for use
in the power supply circuits of AV, OA and other digital devices
equipped with a stand-by function, and of battery-operated
portable data devices of various types, where they will contribute
to energy saving. Moreover, the regulators have an output
voltage line-up starting from 1.5V, corresponding to the lower
voltage of various devices.
Features
• Built-in ON/OFF control function (active high)
• Maximum output curren : 300 mA
• Low output voltage
: 1.5 / 1.8 / 2.5 / 3.3 / 5.0 V
• Output voltage accuracy : VOUT ± 2.5 % (@Tj = 25°C)
• Low quiescent current
: 1 mA (Typ.) (@IOUT = 0 A)
• Low standby current (output OFF mode): 0.2μA (Typ.)
• Low-dropout voltage
: 0.5 V (Max) (@VOUT >= 1.8V, IOUT = 150m A)
• Protection function
: Over current protection / thermal shutdown
• Package type
: PS-8
Pin Assignment
Product No.
Marking
TA48LS015F
LS015
TA48LS018F
LS018
TA48LS025F
LS025
TA48LS033F
LS033
TA48LS05F
LS05
Note 1: In the actual product number, ”***” is replaced by the output voltage of the product.
Weight : 0.08 g (Typ.)
8
7
6
5
1
2
3
4
Marking
Lot No.
1 : N.C.
2~4 : GND
5 : IN
6 : EN
7 : N.C.
8 : OUT
* Weekly code:
(Three digits)
Week of manufacture
(01 for the first week of the year, continuing up to 52 or 53)
Year of manufacture
(Lowest-order digit of the calendar year)
Week of manufacture
(01 for the first week of the year, continuing up to 52 or 53)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn