Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TA48S00AF Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de Pieza. TA48S00AF
Descripción  1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

TA48S00AF Datasheet(HTML) 6 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TA48S00AF
2007-06-06
6
100 mA
100 mA
10 mA
I OUT = 500 mA
100 mA
10 mA
I OUT = 500 mA
500 mA
I OUT = 5 mA
VOUT = 3.3V
Tj = 25°C
PDmax – Ta
VOUT – Tj
VOUT – VIN
I B – VIN
I B – Tj
Ambient temperature
Ta (°C)
Junction temperature Tj (°C)
Input voltage VIN (V)
Input voltage VIN (V)
Junction temperature Tj (°C)
0
12
2
160
0
100
60
8
6
10
20
80
140
4
40
120
Ta
= Tc
Single
50
× 50 × 0.8 mmt
30
× 30 × 0.8 mmt
Condition:
Number of IC = 1
Reflow soldering on
a ceramic substrate
I B – IOUT
Output curren I OUT (mA)
3.1
3.5
150
−50
3.3
3.4
50
3.2
0
100
VIN = 5.3 V
VOUT = 3.3V
0
4
8
0
2
3
1
4
6
I OUT = 1 A
0
30
10
150
−50
50
0
100
VIN = 5.3 V
20
0 A
0
30
10
1000
0
400
200
800
20
VIN = 5.3 V
Tj = 25°C
600
8
0
4
2
6
Tj = 25°C
0
20
5
15
2
10


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn