Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA58L12F Datasheet(PDF) 10 Page - Toshiba Semiconductor

No. de pieza TA58L12F
Descripción Electrónicos  250 mA Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA58L12F Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TA58L12F Datasheet HTML 4Page - Toshiba Semiconductor TA58L12F Datasheet HTML 5Page - Toshiba Semiconductor TA58L12F Datasheet HTML 6Page - Toshiba Semiconductor TA58L12F Datasheet HTML 7Page - Toshiba Semiconductor TA58L12F Datasheet HTML 8Page - Toshiba Semiconductor TA58L12F Datasheet HTML 9Page - Toshiba Semiconductor TA58L12F Datasheet HTML 10Page - Toshiba Semiconductor TA58L12F Datasheet HTML 11Page - Toshiba Semiconductor TA58L12F Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TA58L05, 06, 08, 09, 10, 12, 15F
2006-11-02
10
TA58L05F
VIN = 14 V
IOUT = 0 A
0
5
10
15
25
30
0
0.05
0.15
0.20
Output current IOUT
(A )
IB – IOUT
Junction temperature Tj (°C)
IPEAK – Tj
Dropout voltage VD (V)
IPEAK – VD
20
0.10
0.25
IB – Tj
Junction temperature Tj (°C)
0
1.0
0.2
0.6
0.4
0.8
0
-50
150
50
100
Output current IOUT (A)
VD – IOUT
0
0.5
0.6
0
0.15
0.25
0.3
0.2
0.05
0.4
0.1
0.10
0.20
Junction temperature Tj (°C)
VD – Tj
0
0.5
0.6
-50
50
150
0.3
0.2
0.4
0.1
0
100
Tj = 25°C
85°C
0.05 A
IOUT = 0.2 A
TA58L05F
VIN = 14 V
TA58L05F
Tj = 25°C
0
20
30
10
0
0.6
0.8
0.4
0.2
TA58L05F
VIN = 14 V
Tj = 25°C
-40°C
125°C
0
1.0
0.2
0.6
0.4
0.8
-50
50
150
0
100


Número de pieza similar - TA58L12F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA58L12S TOSHIBA-TA58L12S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
More results

Descripción similar - TA58L12F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
logo
Texas Instruments
TPS766 TI1-TPS766 Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com