Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TA58MS05F Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de Pieza. TA58MS05F
Descripción  500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

TA58MS05F Datasheet(HTML) 4 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TA58MS05, 06, 08, 09, 12F
2006-11-06
4
TA58MS05F
Electrical Characteristics (unless otherwise specified, VEN = VIN, CIN = 1 μF, COUT = 10 μF, Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
VIN = 14 V, IOUT = 10 mA
4.85
5.00
5.15
Output voltage
VOUT
6 V <= VIN <= 26 V, IOUT = 10 mA,
-40°C <= Tj <= 105°C
4.8
5.0
5.2
V
Line regulation
Reg・line
6 V <= VIN <= 26 V, IOUT = 10 mA
3
20
mV
Load regulation
Reg・load
VIN = 14 V, 10 mA <= IOUT <= 500 mA
10
30
6 V <= VIN <= 26 V, IOUT = 0 A
2.5
5.0
Quiescent current
I B
6 V <= VIN <= 26 V, IOUT = 500 mA
30
50
mA
Quiescent current (OFF mode)
I B(OFF)
6 V <= VIN <= 26 V, VEN = 0.4 V
0.1
1.0
μA
I OUT = 250 mA
0.3
0.4
Dropout voltage
VD
I OUT = 500 mA
0.5
0.7
V
Output control voltage (ON)
VEN(ON)
2
V
Output control voltage (OFF)
VEN(OFF)
0.8
V
Output control current (ON)
IEN(ON)
VIN = 14 V, VEN = 5 V
125
175
μA
TA58MS06F
Electrical Characteristics (unless otherwise specified, VEN = VIN, CIN = 1 μF, COUT = 10 μF, Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
VIN = 14 V, IOUT = 10 mA
5.82
6.00
6.18
Output voltage
VOUT
7 V <= VIN <= 26 V, IOUT = 10 mA,
-40°C <= Tj <= 105°C
5.76
6.00
6.24
V
Line regulation
Reg・line
7 V <= VIN <= 26 V, IOUT = 10 mA
3
20
mV
Load regulation
Reg・load
VIN = 14 V, 10 mA <= IOUT <= 500 mA
10
30
mV
7 V <= VIN <= 26 V, IOUT = 0 A
2.5
5.0
Quiescent current
I B
7 V <= VIN <= 26 V, IOUT = 500 mA
30
50
mA
Quiescent current (OFF mode)
I B(OFF)
7 V <= VIN <= 26 V, VEN = 0.4 V
0.1
1.0
μA
I OUT = 250 mA
0.3
0.4
Dropout voltage
VD
I OUT = 500 mA
0.5
0.7
V
Output control voltage (ON)
VEN(ON)
2
V
Output control voltage (OFF)
VEN(OFF)
0.8
V
Output control current (ON)
IEN(ON)
VIN = 14 V, VEN = 5 V
125
175
μA


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn