Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AS-60 Datasheet(PDF) 2 Page - Astrodyne Corporation

No. de Pieza. AS-60
Descripción  60W Single Output Switching Power Supply
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ASTRODYNE [Astrodyne Corporation]
Página de inicio  http://www.astrodyne.com
Logo 

AS-60 Datasheet(HTML) 2 Page - Astrodyne Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
60W Single Output Switching Power Supply
A s - 6 0 series
300 Myles standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
Mechanical�Specification
Case�No.�901�����Unit:mm
Static�Characteristics�(24V)
File�Name:S-60-SPEC���2005-09-13
AMBIENT�TEMPERATURE�(
)
-10
-10
0
0
20
10
30
40
20
40
80
60
100
60
55
50
45
(HORIZONTAL)
(VERTICAL)
Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
1
2
4
3
5
Assignment
Assignment
DC�OUTPUT -V
DC�OUTPUT +V
FG
AC/L
AC/N
4.5
3.5
2-M
3
152.5
150
6.5
78
24
159
22
117
3-M
3
5
4
3
2
1
INPUT�VOLTAGE�(V)�60Hz
60
80
100
120
140
160
180
200
220
240
260
Vo
300
350
32
250
28
200
24
150
20
100
16
50
12
8
Ta=25
Output�Derating
60W�Single�Output�Switching�Power�Supply
S - 6 0 series


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn