Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1274F Datasheet(PDF) 9 Page - Toshiba Semiconductor

No. de pieza TA1274F
Descripción Electrónicos  PIF / SIF SYNCHRONOUS DEMODULATOR IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1274F Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA1274F Datasheet HTML 5Page - Toshiba Semiconductor TA1274F Datasheet HTML 6Page - Toshiba Semiconductor TA1274F Datasheet HTML 7Page - Toshiba Semiconductor TA1274F Datasheet HTML 8Page - Toshiba Semiconductor TA1274F Datasheet HTML 9Page - Toshiba Semiconductor TA1274F Datasheet HTML 10Page - Toshiba Semiconductor TA1274F Datasheet HTML 11Page - Toshiba Semiconductor TA1274F Datasheet HTML 12Page - Toshiba Semiconductor TA1274F Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TA1274F
2002-12-20
9
SIF section
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
SIF Maximum Input Signal
vin max (s)
105
118
dBµV
SIF Gain Control Range
RAGC (s)
(Note 15)
55
75
dB
SIF Input Resistance
(*)
Zin R (s)
10
kΩ
SIF Input Capacitance
(*)
Zin C (s)
(Note 16)
2.8
pF
Limiting Sensitivity
vin lim
(Note 17)
40
45
dBµV
AM Reduction Ratio
AMR
(Note 18)
55
68
dB
AF Output Signal Amplitude
VDet (s)
350
500
710
mVrms
AF Output S / N
S / N (s)
55
63
dB
Total Harmonics Distortion
THD
(Note 19)
0.2
1.0
%
Hold Range of the FM Demodulator
(Lower)
fh (s) L
3.9
Hold Range of the FM Demodulator
(Upper)
fh (s) H
(Note 20)
5.3
MHz
Capture Range of the FM Demodulator
(Upper)
fp (s) H
4.0
Capture Range of the FM Demodulator
(Lower)
fp (s) L
(Note 21)
5.2
MHz
Ripple Rejection
RR
(Note 22)
−22
dB
*:
Not tested


Número de pieza similar - TA1274F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA1274F TOSHIBA-TA1274F Datasheet
555Kb / 18P
   PIF/SIF SYNCHRONOUS DEMODULATOR IC
More results

Descripción similar - TA1274F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA1274F TOSHIBA-TA1274F Datasheet
555Kb / 18P
   PIF/SIF SYNCHRONOUS DEMODULATOR IC
TA1267AF TOSHIBA-TA1267AF Datasheet
959Kb / 22P
   MULTISTANDARD PIF/SIF SYNCHRONOUS DEMODULATOR IC
TA1267AF TOSHIBA-TA1267AF_03 Datasheet
304Kb / 23P
   MULTISTANDARD PIF / SIF SYNCHRONOUS DEMODULATOR IC
TA1267F TOSHIBA-TA1267F Datasheet
165Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT(MULTISTANDARD PIF / SIF SYNCHRONOUS DEMODULATOR IC)
TA8700AN TOSHIBA-TA8700AN Datasheet
540Kb / 16P
   PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N Datasheet
838Kb / 21P
   PLL PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N_01 Datasheet
857Kb / 22P
   PLL PIF/SIF IC FOR TV/VTR
TA8701AN TOSHIBA-TA8701AN Datasheet
607Kb / 18P
   PIF/SIF ATT IC FOR TV/VTR
TA7680AP TOSHIBA-TA7680AP Datasheet
435Kb / 17P
   TELEVISION PIF SIF SYSTEM
logo
New Japan Radio
NJM2542 NJRC-NJM2542 Datasheet
97Kb / 6P
   VIF/ SIF DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com