Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1360AFG Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TA1360AFG
Descripción Electrónicos  YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1360AFG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA1360AFG Datasheet HTML 4Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 5Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 6Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 7Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 8Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 9Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 10Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 11Page - Toshiba Semiconductor TA1360AFG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
TA1360AFG
2005-08-18
8
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
44
AFC FILTER
Connects filter for detecting AFC.
DC
45
DEF/DAC VCC
VCC pin for DEF/DAC block.
See “Maximum Ratings” about the
supply voltage.
46
NC
This pin is not used.
Connect to GND.
47
CP OUT
Outputs internal clamp pulse
(CP).
48
NC
This pin is not used.
Connect to GND.
49
SCP IN
Inputs SCP from up converter.
Input signals are clamp pulse
(CP) and black peak detection
stop pulse (BPP).
2.2 V to 2.8 V : BPP
4.2 V to 9 V
: CP
50
HD IN
Inputs horizontal sync HD signal.
Inputs positive- or
negative-polarity signals.
or
51
NC
This pin is not used.
Connect to GND.
52
VD IN
Inputs vertical sync VD signal.
Inputs positive- or
negative-polarity signals.
or
45
50
38
1 kΩ
Threshold
: 0.75 V
0 V
Threshold
: 0.75 V
0 V
5 V
0 V
45
47
38
200 Ω
45
44
38
300
30 k
VCO
45
52
38
1 k
Threshold
: 0.75 V
0 V
Threshold
: 0.75 V
0 V
45
49
38
5 kΩ


Número de pieza similar - TA1360AFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
More results

Descripción similar - TA1360AFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA1360ANG TOSHIBA-TA1360ANG_05 Datasheet
1Mb / 108P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com