Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1395FNG Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TA1395FNG
Descripción Electrónicos  Mixer/Oscillator and PLL IC for TV/VCR Tuner
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1395FNG Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA1395FNG Datasheet HTML 1Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 2Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 3Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 4Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 5Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 6Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 7Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 8Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TA1395FNG
2005/05/20
2
Block Diagram
Some of the functional blocks, circuits, or constants in the block diagram may be omitted or simplified for explanatory purposes.
Terminal Name
Pin No.
Pin Name
1
UHF RF input
2
VHF RF input
3
GND 1
4
Mixer output 1
5
Mixer output 2
6
IF AMP input
7
Band output port : BS_V
8
Band output port : BS_VH
9
Band output port : BS_FM
10
ADR (address setting)
11
SDA in/output
12
SCL input
13
GND 2
14
Crystal input
15
NF
16
Vt output
17
IF output
18
Vcc
19
GND 3
20
UHF oscillator 1
21
UHF oscillator 2
22
VHF oscillator –C1
23
VHF oscillator –C2
24
VHF oscillator –B1
12
11
10
9
8
7
6
5
4
3
2
1
24
23
22
21
20
19
18
17
16
15
14
13
UHF
RFin
VHF
RFin
GND1
Mix out1
Mix out2 IF AMP In
BS_V
BS_VH
BS_FM
ADR
SDA
SCL
GND2
Xtal
NF
VT
IF out
Vcc
GND3
UHF
OSC1
UHF
OSC2
VHF
OSC-C1
VHF
OSC-C2
VHF
OSC-B1
Data
Interface
Band Driver
Programmable
Divider
1/32
1/33
Phase
Comparator
Reference
Divider
ADR
Band
SW
1/4
1/2
Charge
Pump
POR
Lock


Número de pieza similar - TA1395FNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1395A TAI-SAW-TA1395A Datasheet
165Kb / 8P
   SAW Filter 881.5 MHz BW25MHz
More results

Descripción similar - TA1395FNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
logo
New Japan Radio
NJM2540 NJRC-NJM2540 Datasheet
122Kb / 8P
   Mixer and Oscillator for TV Tuner
NJM2531A NJRC-NJM2531A Datasheet
113Kb / 8P
   Mixer and Oscillator for TV Tuner
logo
Texas Instruments
SN761672ADAR TI-SN761672ADAR Datasheet
258Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
SN761672A TI-SN761672A Datasheet
268Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
logo
NXP Semiconductors
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com