Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AS-25 Datasheet(PDF) 2 Page - Astrodyne Corporation

No. de Pieza. AS-25
Descripción  25W Single Output Switching Power Supply
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ASTRODYNE [Astrodyne Corporation]
Página de inicio  http://www.astrodyne.com
Logo 

AS-25 Datasheet(HTML) 2 Page - Astrodyne Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
a s - 2 5 series
25W Single Output Switching Power Supply
300 Myles standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.asTRODYNE.COM
Mechanical�Specification
Derating�Curve
Static�Characteristics�(24V)
File�Name:S-25-SPEC���2005-09-13
Case�No.�905�����Unit:mm
AMBIENT�TEMPERATURE�(
)
INPUT�VOLTAGE�(V)�60Hz
(HORIZONTAL)
(VERTICAL)
-10
-10
0
0
10
20
30
40
50
45
60
55
20
40
60
80
100
INPUT�VOLTAGE�(V)�60Hz
200
80
8
60
12
16
20
24
140
100
120
180
160
28
32
260
240
220
50
100
150
200
250
300
350
Ta=25
Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
1
3
2
4,5
Assignment
Assignment
DC�OUTPUT -V
DC�OUTPUT +V
AC�INPUT
FG
5
4
3
2
1
5.5
74
18
6.5
87
98.5
89
4.5
55
20.5
3.5
3.5
3.5
2-M
3
25W�Single�Output�Switching�Power�Supply
S - 2 5 series


Html Pages

1  2