Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA4004F Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TA4004F
Descripción Electrónicos  VHF~UHF Wide Band Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4004F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA4004F Datasheet HTML 1Page - Toshiba Semiconductor TA4004F Datasheet HTML 2Page - Toshiba Semiconductor TA4004F Datasheet HTML 3Page - Toshiba Semiconductor TA4004F Datasheet HTML 4Page - Toshiba Semiconductor TA4004F Datasheet HTML 5Page - Toshiba Semiconductor TA4004F Datasheet HTML 6Page - Toshiba Semiconductor TA4004F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TA4004F
2007-11-01
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4004F
VHF~UHF Wide Band Amplifier
Features
Band width: 1.2 GHz (typ.) (3dB down, VCC = 2 V)
High gain: |S21|2 = 10.5dB (typ.) (f = 500 MHz, VCC = 2 V)
Operating supply voltage: VCC = 2~5 V
Low current operation: ICC = 3.1 mA (typ.) (VCC = 2 V)
Small package
Pin Assignment (top view)
Marking
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VCC
6
V
Total power dissipation
PD (Note 1)
300
mW
Operating temperature
Topr
−40~85
°C
Storage temperature
Tstg
−55~125
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: When mounted glass epoxy of 2.5 cm
2
× 1.6 t
Weight: 0.014 g (typ.)


Número de pieza similar - TA4004F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA4004F TOSHIBA-TA4004F Datasheet
179Kb / 5P
   VHF~UHF WIDE BAND AMPLIFIER
More results

Descripción similar - TA4004F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comset Semiconductor
BFX89 COMSET-BFX89 Datasheet
146Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
logo
Toshiba Semiconductor
TA4002F TOSHIBA-TA4002F_07 Datasheet
320Kb / 5P
   VHF~UHF Wide Band Amplifier
TA4001F TOSHIBA-TA4001F_07 Datasheet
314Kb / 5P
   VHF~UHF Wide Band Amplifier
logo
New Jersey Semi-Conduct...
BFX89 NJSEMI-BFX89 Datasheet
78Kb / 2P
   WIDE BAND VHF/UHF AMPLIFIER
logo
Toshiba Semiconductor
TA4003F TOSHIBA-TA4003F Datasheet
168Kb / 5P
   VHF~UHF WIDE BAND AMPLIFIER
TA4004F TOSHIBA-TA4004F Datasheet
179Kb / 5P
   VHF~UHF WIDE BAND AMPLIFIER
TA4001F TOSHIBA-TA4001F Datasheet
137Kb / 4P
   VHF UHF WIDE BAND AMPLIFIER
TA4002F TOSHIBA-TA4002F Datasheet
139Kb / 4P
   VHF~UHF WIDE BAND AMPLIFIER
logo
New Jersey Semi-Conduct...
BFY90 NJSEMI-BFY90 Datasheet
78Kb / 2P
   WIDE BAND VHF/UHF AMPLIFIER
logo
STMicroelectronics
BFX89 STMICROELECTRONICS-BFX89 Datasheet
96Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
logo
Hitachi Semiconductor
2SC5140 HITACHI-2SC5140 Datasheet
60Kb / 8P
   VHF / UHF wide band amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com