Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA4500F Datasheet(PDF) 9 Page - Toshiba Semiconductor

No. de pieza TA4500F
Descripción Electrónicos  1.9 GHz Band RX Front-End IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4500F Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA4500F Datasheet HTML 4Page - Toshiba Semiconductor TA4500F Datasheet HTML 5Page - Toshiba Semiconductor TA4500F Datasheet HTML 6Page - Toshiba Semiconductor TA4500F Datasheet HTML 7Page - Toshiba Semiconductor TA4500F Datasheet HTML 8Page - Toshiba Semiconductor TA4500F Datasheet HTML 9Page - Toshiba Semiconductor TA4500F Datasheet HTML 10Page - Toshiba Semiconductor TA4500F Datasheet HTML 11Page - Toshiba Semiconductor TA4500F Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TA4500F
2007-11-01
9
Typical Operating Characteristics of Evaluation Board
Pattern Layout of Evaluation Board (Top Layer)
1000pF
100nH
2.7pF
120nH
1000pF
120nH
1000pF
1000pF
8.2nH
2pF
1pF
5.6nH
1000pF
2.2nH
1000pF
5.6nH
1.2kΩ
1nH 1pF
3.3nH
3pF
6.8nH
1000pF
1000pF
TA4500F on Application Board
POUT,PIM3 vs PIN
LO = 1.65605 GHz/-15dBmW, RF1 = 1.9000 GHz for POUT measurement,
RF1 = 1.9006 GHz, RF2 = 1.9012 GHz for upper channel IM3 measurement,
RF1 = 1.8994 GHz, RF2 = 1.8988 GHz for low er channel IM3 measurement
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-50
-45
-40
-35
-30
-25
-20
PIN (dBmW)
POUT [dBmW]
PIM3(up) [dBmW])
PIM3(low ) [dBmW]
VCC = 3 V, Ta = 25 °C
POUT
PIM3(low )
PIM3(up)


Número de pieza similar - TA4500F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA450E1 TAI-SAW-TA450E1 Datasheet
208Kb / 4P
   SAW Filter 450MHz F11
More results

Descripción similar - TA4500F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTS7203H NXP-BTS7203H Datasheet
343Kb / 22P
   2.3 GHz ??2.7 GHz RX Analog Front-End IC
Rev. 7.1-12 October 2021
BTS7203U NXP-BTS7203U Datasheet
343Kb / 22P
   3.3 GHz - 4.2 GHz RX Analog Front-End IC
Rev. 6.1-29 October 2021
BTS7205U NXP-BTS7205U Datasheet
334Kb / 20P
   3.3 GHz - 4.2 GHz RX Analog Front-End IC with bypass
Rev. 6-26 October 2021
BTS7205H NXP-BTS7205H Datasheet
348Kb / 22P
   2.3 GHz ??2.7 GHz RX Analog Front-End IC with bypass
Rev. 9-12 October 2021
BTS7202H NXP-BTS7202H Datasheet
443Kb / 23P
   2.3 GHz – 2.7 GHz RX Front-End Module
Rev. 2 - 8 September 2022
BTS7202U NXP-BTS7202U Datasheet
494Kb / 24P
   3.3 GHz – 4.2 GHz RX Front-End Module
Rev. 6 - 2 February 2023
logo
ATMEL Corporation
T7026 ATMEL-T7026 Datasheet
143Kb / 10P
   ISM 2.4 GHz Front End IC
logo
NXP Semiconductors
WLAN7001C NXP-WLAN7001C Datasheet
226Kb / 22P
   WLAN 5 GHz Front-end IC
Rev. 3-7 September 2020
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
logo
Pulse A Technitrol Comp...
W3029 PULSE-W3029 Datasheet
1Mb / 3P
   1.9 GHz RX Diversity Ceramic Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com