Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TA4800AF Datasheet(Hoja de datos) 6 Page - Toshiba Semiconductor

No. de Pieza. TA4800AF
Descripción  1A Output Current Low Dropout Voltage Regulator
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 6 page
background image
TA4800AF
2006-11-06
6
I OUT = 5 mA
500 mA
100 mA
10 mA
100 mA
I OUT = 500 mA
100 mA
10 mA
I OUT = 500 mA
Ta
= Tc
Single
50
× 50 × 0.8 mmt
30
× 30 × 0.8 mmt
VOUT = 3.3V
Tj = 25°C
PDmax – Ta
VOUT – Tj
VOUT – VIN
I B – VIN
I B – Tj
Ambient temperature
Ta (°C)
Junction temperature Tj (°C)
Input voltage VIN (V)
Input voltage VIN (V)
Junction temperature Tj (°C)
0
12
2
160
0
100
60
8
6
10
20
80
140
4
40
120
Condition:
Number of IC = 1
Reflow soldering on
a ceramic substrate
I B – IOUT
Output curren I OUT (mA)
3.1
3.5
150
−50
3.3
3.4
50
3.2
0
100
VIN = 5.3 V
VOUT = 3.3V
0
4
8
0
2
3
1
4
6
I OUT = 1 A
0
30
10
150
−50
50
0
100
VIN = 5.3 V
20
0 A
0
30
10
1000
0
400
200
800
20
VIN = 5.3 V
Tj = 25°C
600
8
0
4
2
6
Tj = 25°C
0
20
5
15
2
10




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TA48L018F_06Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A 1 2 3 4 5 MoreToshiba Semiconductor
TA48LS00F300 mA Output Current Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48LS015F300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S00AF1A Output Current Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S015AF1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S018F1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA58MS05F500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
GL1147a low dropout at positive fixed-mode regulator with minimum of 1A output current capability. 1 2 3 GTM CORPORATION
NCP5662Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable 1 2 3 4 5 MoreON Semiconductor
AS28151.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response 1 2 3 4 5 MoreSipex Corporation

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl