Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA7267BP Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TA7267BP
Descripción Electrónicos  Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7267BP Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA7267BP_07 Datasheet HTML 1Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 2Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 3Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 4Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 5Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 6Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 7Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 8Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TA7267BP
2007-2-28
4
Function
IN1
IN2
OUT1
OUT2
Mode
1
1
L
L
Brake
0
1
L
H
CW/CCW
1
0
H
L
CCW/CW
0
0
High impedance
Stop
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
PEAK
VCC (max)
25
Supply soltage
OPERATE
VCC (opr.)
18
V
PEAK
IO (PEAK)
3.0
Output surrent
AVE.
IO (AVE.)
1.0
A
Power sissipation (Tc = 25°C)
PD
12.5
W
Operating semperature
Topr
−30 to 75
°C
Storage semperature
Tstg
−55 to 150
°C


Número de pieza similar - TA7267BP_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA7267BP TOSHIBA-TA7267BP Datasheet
357Kb / 9P
   BRIDGE DRIVER
TA7267BP TOSHIBA-TA7267BP Datasheet
398Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
More results

Descripción similar - TA7267BP_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA7267P TOSHIBA-TA7267P Datasheet
398Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
TA8440H TOSHIBA-TA8440H Datasheet
261Kb / 9P
   Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7288P TOSHIBA-TA7288P_07 Datasheet
308Kb / 12P
   Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
TA7279P TOSHIBA-TA7279P_06 Datasheet
344Kb / 12P
   Dual-Bridge Drivers (for Switching between Forward and Reverse Rotation) for DC Motors
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
   DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
TA8429H TOSHIBA-TA8429H Datasheet
266Kb / 9P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reve
TA7291AP TOSHIBA-TA7291AP Datasheet
311Kb / 14P
   Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
logo
ON Semiconductor
LV8761V ONSEMI-LV8761V Datasheet
191Kb / 13P
   Forward/Reverse H-bridge Driver
May, 2013
LV8760T-TLM-E ONSEMI-LV8760T-TLM-E Datasheet
170Kb / 11P
   Forward/Reverse H-bridge Driver
May, 2013
logo
Sanyo Semicon Device
LV8760T SANYO-LV8760T_11 Datasheet
216Kb / 11P
   Forward/Reverse H-bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com