Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA7267BP Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TA7267BP
Descripción Electrónicos  Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7267BP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA7267BP_07 Datasheet HTML 1Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 2Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 3Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 4Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 5Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 6Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 7Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 8Page - Toshiba Semiconductor TA7267BP_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TA7267BP
2007-2-28
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA7267BP
Full-Bridge Driver (H-Swithch) for DC Motor
(Driver for Switching between Forward and Reverse Rotation)
The TA7267BP is a Bridge Driver for brushed DC Motor Rotation
control.
Forward Rotation, Reverse Rotation, Stop and Braking
operations are available.
It’s designed for Loading and Reel Motor driver for VCR and Tape
Deck, and any other consumer and industrial applications.
TA7267BP have Operation Supply Voltage terminal and Motor
Driving Supply Voltage terminal independently, therefore Servo
control operation is applicable.
Features
Output current up to 1.0 A (AVE.), and 3.0 A (PEAK)
Four different modes (forward rotation, reverse rotation, stop, and brake) are supported.
Built-in overcurrent protection and thermal shutdown circuit
Operating voltage range: VCC (opr.) = 6 to 18 V, VS (opr.) = 0 to 18 V
No malfunction occurs even if VCC is higher than VS or Vice versa.
Weight: 2.15 g (typ.)
The TA7267BP is Sn plated product including Pb.
The following conditions apply to solderability:
*Solderability
1. Use of Sn-37Pb solder bath
*solder bath temperature = 230°C
*dipping time = 5 seconds
*number of times = once
*use of R-type flux
2. Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature = 245°C
*dipping time = 5 seconds
*the number of times = once
*use of R-type flux


Número de pieza similar - TA7267BP_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA7267BP TOSHIBA-TA7267BP Datasheet
357Kb / 9P
   BRIDGE DRIVER
TA7267BP TOSHIBA-TA7267BP Datasheet
398Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
More results

Descripción similar - TA7267BP_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA7267P TOSHIBA-TA7267P Datasheet
398Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
TA8440H TOSHIBA-TA8440H Datasheet
261Kb / 9P
   Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7288P TOSHIBA-TA7288P_07 Datasheet
308Kb / 12P
   Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
TA7279P TOSHIBA-TA7279P_06 Datasheet
344Kb / 12P
   Dual-Bridge Drivers (for Switching between Forward and Reverse Rotation) for DC Motors
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
   DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
TA8429H TOSHIBA-TA8429H Datasheet
266Kb / 9P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reve
TA7291AP TOSHIBA-TA7291AP Datasheet
311Kb / 14P
   Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
logo
ON Semiconductor
LV8761V ONSEMI-LV8761V Datasheet
191Kb / 13P
   Forward/Reverse H-bridge Driver
May, 2013
LV8760T-TLM-E ONSEMI-LV8760T-TLM-E Datasheet
170Kb / 11P
   Forward/Reverse H-bridge Driver
May, 2013
logo
Sanyo Semicon Device
LV8760T SANYO-LV8760T_11 Datasheet
216Kb / 11P
   Forward/Reverse H-bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com