Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA7279AP Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TA7279AP
Descripción Electrónicos  Dual-Bridge Drivers (for Switching between Forward and Reverse Rotation) for DC Motors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7279AP Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA7279AP Datasheet HTML 1Page - Toshiba Semiconductor TA7279AP Datasheet HTML 2Page - Toshiba Semiconductor TA7279AP Datasheet HTML 3Page - Toshiba Semiconductor TA7279AP Datasheet HTML 4Page - Toshiba Semiconductor TA7279AP Datasheet HTML 5Page - Toshiba Semiconductor TA7279AP Datasheet HTML 6Page - Toshiba Semiconductor TA7279AP Datasheet HTML 7Page - Toshiba Semiconductor TA7279AP Datasheet HTML 8Page - Toshiba Semiconductor TA7279AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TA7279P/AP
2006-3-2
5
Function
IN1
IN2
OUT1
OUT2
Mode
1
1
L
L
Brake
0
1
L
H
CW/CCW
1
0
H
L
CCW/CW
0
0
High impedance
Stop
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
AP
25
Supply voltage
P
VCC (max)
20
V
AP
25
Motor drive voltage
P
VS (max)
18
V
PEAK
IO (PEAK)
3.0
Output current
AVE.
IO (AVE.)
1.0
A
Power dissipation
PD (Note)
2.3
W
Operating temperature
Topr
−30 to 75
°C
Storage temperature
Tstg
−55 to 150
°C
Note:
No heat sink.
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICC1
1
VCC = 18 V, Output Off, Stop
mode
14
28
41
ICC2
1
VCC = 18 V, Output Off,
CW/CCW mode
10
29
38
Supply current
ICC3
1
VCC = 18 V, Output Off,
Brake mode
8
20
35
mA
1 (High)
VIN (H)
Tj = 25°C
3.0
VCC
Input operating voltage
2 (Low)
VIN (L)
Tj = 25°C
0.8
V
Input current
IIN
2
Sink, VIN = 3 V
3
10
µA
Upper
VSATU−1
3
IO = 0.1 A,
VCC = VS = 18 V
1.1
Lower
VSATL−1
3
IO = 0.1 A,
VCC = VS = 18 V
1.0
Upper
VSATU−2
3
IO = 1.0 A,
VCC = VS = 18 V
1.2
1.5
Output saturation
voltage
Lower
VSATL−2
3
IO = 1.0 A,
VCC = VS = 18 V
1.05
1.4
V
Upper
ILU
VS = 25 V
50
Leakage current
Lower
ILL
VS = 25 V
50
µA
Upper
VFU
4
IF = 1 A
2.5
Diode forward drop
Lower
VFL
4
IF = 1 A
1.3
V


Número de pieza similar - TA7279AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA7279AP TOSHIBA-TA7279AP Datasheet
265Kb / 8P
   DUAL BRIDGE DRIVER
More results

Descripción similar - TA7279AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA7288P TOSHIBA-TA7288P_07 Datasheet
308Kb / 12P
   Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
TA8440H TOSHIBA-TA8440H Datasheet
261Kb / 9P
   Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7267P TOSHIBA-TA7267P Datasheet
398Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
TA7267BP TOSHIBA-TA7267BP_07 Datasheet
309Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7291AP TOSHIBA-TA7291AP Datasheet
311Kb / 14P
   Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
logo
Rohm
BD6212FP ROHM-BD6212FP_13 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
logo
Toshiba Semiconductor
TB6552FN TOSHIBA-TB6552FN_07 Datasheet
238Kb / 14P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
logo
Allegro MicroSystems
3625 ALLEGRO-3625 Datasheet
145Kb / 8P
   POWERHALL SENSOR/DRIVERS FOR BRUSHLESS DC MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com