Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA7288P Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TA7288P
Descripción Electrónicos  Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7288P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA7288P_07 Datasheet HTML 1Page - Toshiba Semiconductor TA7288P_07 Datasheet HTML 2Page - Toshiba Semiconductor TA7288P_07 Datasheet HTML 3Page - Toshiba Semiconductor TA7288P_07 Datasheet HTML 4Page - Toshiba Semiconductor TA7288P_07 Datasheet HTML 5Page - Toshiba Semiconductor TA7288P_07 Datasheet HTML 6Page - Toshiba Semiconductor TA7288P_07 Datasheet HTML 7Page - Toshiba Semiconductor TA7288P_07 Datasheet HTML 8Page - Toshiba Semiconductor TA7288P_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TA7288P
2007-06-27
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA7288P
Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse
Rotation) for DC Motor
The TA7288P is a bridge driver that is ideal for normal / reverse
switching.
This circuit offers four modes: normal rotation, reverse rotation,
stop, and brake.
The output current is 1.0 A (AVE.) and 2.0 A (PEAK). TA7288P
has an ideal circuit configuration for VCR front tape loading and
offers two types of power supply pins. One is for output, the other
for control. The Vref pin on the output side used to control the
motor voltage facilitates motor voltage adjustment. The IC
requires little input current, enabling direct connection with
CMOS.
Features
Wide range of operating voltage: VCC (opr.) = 4.5 to 18 V
VS (opr.) = 0 to 18 V
Vref (opr.) = 0 to 18 V
No malfunction occurs even if VCC is higher than VS or vice versa. however, observe Vref ≤ VS.
Output current up to 1.0 A (AVE.) and 2.0 A (PEAK)
Built-in thermal shutdown circuit and overcurrent protection circuit for output pins
Built-in punch−through current restriction circuit
Built-in back electromotive force absorber diode
Built-in hysteresis circuit
Weight: 2.47 g (typ.)
The TA7288P:
The TA7288P is Sn plated product including Pb.
The following conditions apply to solderability:
*Solderability
1. Use of Sn-37Pb solder bath
*solder bath temperature = 230°C
*dipping time = 5 seconds
*number of times = once
*use of R-type flux
2. Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature = 245°C
*dipping time = 5 seconds
*the number of times = once
*use of R-type flux


Número de pieza similar - TA7288P_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA7288P TOSHIBA-TA7288P Datasheet
279Kb / 8P
   DUAL BRIDGE DRIVER
More results

Descripción similar - TA7288P_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8440H TOSHIBA-TA8440H Datasheet
261Kb / 9P
   Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7267P TOSHIBA-TA7267P Datasheet
398Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
TA7267BP TOSHIBA-TA7267BP_07 Datasheet
309Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7279P TOSHIBA-TA7279P_06 Datasheet
344Kb / 12P
   Dual-Bridge Drivers (for Switching between Forward and Reverse Rotation) for DC Motors
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
   DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
TA7291AP TOSHIBA-TA7291AP Datasheet
311Kb / 14P
   Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
TA8429H TOSHIBA-TA8429H Datasheet
266Kb / 9P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reve
logo
Sipex Corporation
TB6592FL SIPEX-TB6592FL Datasheet
138Kb / 10P
   Dual-Bridge Driver IC for DC motor
logo
Toshiba Semiconductor
TB67H302HG TOSHIBA-TB67H302HG Datasheet
970Kb / 23P
   Dual Bridge Driver IC for DC motor
TB62300FG TOSHIBA-TB62300FG Datasheet
607Kb / 28P
   Dual Full-Bridge Driver for DC Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com