Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TA7291S Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
TA7291S Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 16 page TA7291P/S/SG/F/FG 2007-06-13 1 TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC TA7291P, TA7291S/SG, TA7291F/FG BRIDGE DRIVER The TA7291P / S/SG / F/FG are Bridge Driver with output voltage control. FEATURES 4 modes available (CW / CCW / STOP / BRAKE) Output current: P type 1.0 A (AVE.) 2.0 A (PEAK) S/SG,/ F/FG type 0.4 A (AVE.) 1.2 A (PEAK) Wide range of operating voltage: VCC (opr.) = 4.5~20 V VS (opr.) = 0~20 V *Please consider the internal loss (Vsat) to operate the IC though minimum VS is defined zero. Vref (opr.) = 0~20 V Build in thermal shutdown, over current protector and punch = through current restriction circuit. Stand−by mode available (STOP MODE) Hysteresis for all inputs. Weight HSIP10−P−2.54 : 2.47 g (Typ.) SIP9−P−2.54A : 0.92 g (Typ.) HSOP16−P−300−1.00 : 0.50 g (Typ.) TA7291P, TA7291SG/FG: TA7291P Sn plated product including Pb. TA7291SG/FG is Pb free product. The following conditions apply to solderability: *Solderability 1. Use of Sn-37Pb solder bath *solder bath temperature=230 degrees *dipping time=5seconds *number of times=once *use of R-type flux 2. Use of Sn-3.0Ag-0.5Cu solder bath *solder bath temperature=245 degrees *dipping time=5seconds *the number of times=once *use of R-type flux TA7291S/SG TA7291F/FG |
Número de pieza similar - TA7291S |
|
Descripción similar - TA7291S |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |