Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA8220HQ Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TA8220HQ
Descripción Electrónicos  30W BTL2ch Audio Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8220HQ Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA8220HQ Datasheet HTML 1Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 2Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 3Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 4Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 5Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 6Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 7Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 8Page - Toshiba Semiconductor TA8220HQ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TA8220HQ
2006-04-28
5
5. Output clip detection function (pin(1))
The output clip detection terminal of pin(1) has the open collector output structure on clip as shown in Fig.5. In
case that the output waveform is clipping, the clip detection circuit is operated and NPN Tr. is turned on.
It is possible to improve the tone quality with the current of flowing into pin(1) and with controlling the volume,
tone・control circuit through L.P.F smoothing circuit as shown in Fig.5.
In case of being unused this function, use this IC as open connection on pin(1).
(Application)


Número de pieza similar - TA8220HQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8220HQ TOSHIBA-TA8220HQ Datasheet
1Mb / 13P
   30W BTL 횞 2ch Audio Power Amplifier
More results

Descripción similar - TA8220HQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8220HQ TOSHIBA-TA8220HQ Datasheet
1Mb / 13P
   30W BTL 횞 2ch Audio Power Amplifier
TA8221AHQ TOSHIBA-TA8221AHQ Datasheet
1Mb / 16P
   30W BTL 횞 2Ch Audio Power Amplifier
TA8233BHQ TOSHIBA-TA8233BHQ_06 Datasheet
1Mb / 16P
   30W BTL 횞 2ch Audio Power Amplifier
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233H TOSHIBA-TA8233H Datasheet
598Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8220H TOSHIBA-TA8220H Datasheet
596Kb / 12P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8205AHQ TOSHIBA-TA8205AHQ Datasheet
934Kb / 14P
   18W BTL 횞 2CH Audio Power Amplifier
TA8215HQ TOSHIBA-TA8215HQ Datasheet
928Kb / 14P
   18W BTL 횞 2CH Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com