Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA8221ALQ Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TA8221ALQ
Descripción Electrónicos  30W BTL2Ch Audio Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8221ALQ Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA8221ALQ Datasheet HTML 1Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 2Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 3Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 4Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 5Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 6Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 7Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 8Page - Toshiba Semiconductor TA8221ALQ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TA8221AHQ / ALQ
2006-04-28
3
The total closed loop gain GV of this IC can be obtained by expression below when the closed loop voltage gain of
amp 1 is GV1.
(dB)
R2
f
R
R2)
f
(R
R1
og
20
V1
G
+
+
+
=
l
..... (1)
The closed loop voltage gain of power amp, amp 3
and amp 4 is fixed at GV3≒GV4 = 20dB.
Therefore, the total closed circuit voltage gain GV is
obtained through BTL connection by the expression
below.
GV = GV1 + GV3 + 6 (dB) ............... (2)
For example, when Rf = 0Ω, GV is obtained by the
expressions (1) and (2) as shown below.
GV≒24 + 20 + 6 = 50dB
The voltage gain is reduced when Rf is increased. (Fig.2)
With the voltage gain reduced, since (1) the oscillation
stability is reduced, and (2) the pop noise changes when
VCC is set to on, refer to the items 3 and 4.
2. Stand−by SW function
By means of controlling pin(4) (stand−by terminal) to high
and low, the power suply can be set to on and off.
The threshold voltage of pin(4) is set at 2.1V (3VBE.),
and the power supply current is about 100µA (typ.) at the
stand−by state.
Control voltage of pin(4): V (SB)
Stand
−by
Power
V (SB) (V)
On
Off
0~2
Off
On
3~VCC
Advantage of stand−by SW
(1) Since VCC can directly be controlled to on / off by the microcomputer, the switching relay can be omitted.
(2) Since the control current is microscopic, the switching relay of small current capacity is satisfactory for
switching.


Número de pieza similar - TA8221ALQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8221AL TOSHIBA-TA8221AL Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
More results

Descripción similar - TA8221ALQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
   30W BTL 횞 2ch Audio Power Amplifier
TA8220HQ TOSHIBA-TA8220HQ Datasheet
1Mb / 13P
   30W BTL 횞 2ch Audio Power Amplifier
TA8233BHQ TOSHIBA-TA8233BHQ_06 Datasheet
1Mb / 16P
   30W BTL 횞 2ch Audio Power Amplifier
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233H TOSHIBA-TA8233H Datasheet
598Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8220H TOSHIBA-TA8220H Datasheet
596Kb / 12P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8205AHQ TOSHIBA-TA8205AHQ Datasheet
934Kb / 14P
   18W BTL 횞 2CH Audio Power Amplifier
TA8215HQ TOSHIBA-TA8215HQ Datasheet
928Kb / 14P
   18W BTL 횞 2CH Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com