Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA8462F Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TA8462F
Descripción Electrónicos  FAN MOTOR DRIVER IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8462F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA8462F_06 Datasheet HTML 1Page - Toshiba Semiconductor TA8462F_06 Datasheet HTML 2Page - Toshiba Semiconductor TA8462F_06 Datasheet HTML 3Page - Toshiba Semiconductor TA8462F_06 Datasheet HTML 4Page - Toshiba Semiconductor TA8462F_06 Datasheet HTML 5Page - Toshiba Semiconductor TA8462F_06 Datasheet HTML 6Page - Toshiba Semiconductor TA8462F_06 Datasheet HTML 7Page - Toshiba Semiconductor TA8462F_06 Datasheet HTML 8Page - Toshiba Semiconductor TA8462F_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TA8462F/FG
2006-3-2
5
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Terminal Breakdown Voltage
VCER
35
V
Output Current (PEAK)
IO (PEAK)
1.5
(Note 1)
A
FG Output Current (PEAK)
IFG (PEAK)
10
(Note 1)
mA
RD Output Current (PEAK)
IRD (PEAK)
10
(Note 1)
mA
Hall Input Voltage
VHM
300 (Note 2)
mV
Power Dissipation
PD
735 (Note 3)
mW
Operating Temperature
Topr
−30~85
°C
Storage Temperature
Tstg
−55~150
°C
Note 1: t = 0.1 s
Note 2: Tj = −25~150°C
Note 3: This value is obtained by 50 × 50 × 1.6 mm PCB mounting occupied in excess of 30% of copper area.
ELECTRICAL CHARACTERISTICS
(Ta = 25°C, VCC = 12 V, RVCC = 200 Ω, CSC = 1.0 µF)
CHARACTERISTIC
SYMBOL
TEST
CIR−
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
A: ON
8.7
13.0
VCC = 5 V, RVCC = 0 Ω
Output open
B: ON
7.7
12.0
A: ON
28
35
Supply Current
ICC
VCC = 12 V
RVCC = 200 Ω
Output open
B: ON
28
35
mA
IO = 0.2 A, Tj = 25°C
0.8
1.0
Output Saturation Voltage
VSAT
IO = 1.0 A, Tj = 25°C
1.15
1.6
V
Output Terminal Clamp Voltage
VCER
31
35
V
Charge Current
Ic
CSC = GND
3.0
6.2
8.2
Discharge
Current
Id
CSC = 4 V
0.5
1.15
1.3
µA
Output OFF
Voltage
VSCU
VCC = 5 V
3.5
Output ON
Voltage
VSCL
VCC = 5 V
1.5
V
Duty
DR
Id / Ic = tOFF / tON
3
5
8
ON Time
tON
0.35
Automatic
Self
Rotation
Recovery
Circuit
OFF Time
tOFF
1.75
s


Número de pieza similar - TA8462F_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
   FAN MOTOR DRIVER IC
More results

Descripción similar - TA8462F_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Rohm
BA6811F ROHM-BA6811F Datasheet
89Kb / 6P
   Fan motor driver IC
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
   FAN MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F_06 Datasheet
411Kb / 13P
   FAN MOTOR DRIVER IC
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
   Hall IC Fan Motor Driver
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Sanyo Semicon Device
LB11988H SANYO-LB11988H_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988HR SANYO-LB11988HR_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
   Monolithic Digital IC Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com