Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL225R012 Datasheet(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

No. de pieza SL225R012
Descripción Electrónicos  Inside Kinked Leads Use -A after Ametherm?셲 part Outside Kinked Leads Use -B after Ametherm?셲 part #
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMETHERM [AMETHERM Circuit Protection Thermistors]
Página de inicio  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL225R012 Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL225R012 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SL22 5R012
Ordering Different Lead Types:
For example: to order an inside kinked lead use part number SL22 5R012-
A
Electrical Specifications:
Mechanical Specifications:
UL File Number: #E209153
Revision Date: March 19, 2003
Inside Kinked Leads
Use
-A after Ametherm’s part #
Outside Kinked Leads
Use
-B after Ametherm’s part #
D
20.0
± 1.0 mm
T
5.0
± 0.2 mm
Lead Diameter
1.0
± 0.1 mm
S
7.8
± 2.0 mm
L
38.0
± 9.0 mm
Outside Kink
Coating Run Down
5.0
±1.0 mm
B
9.22
± 0.85 mm
C
3.82
± 1.0 mm
Resistance @ 25°C
5.0
Ω ± 15%
Max Steady State Current Up to 65
°C
12.0 A
Max Recommended Energy Rating (Joules)
100.0 J
Actual Failure Point of Instantaneous Energy (Joules)
210.0 J
Resistance @ 100% of Max Current
0.05
Resistance @ 50% of Max Current
0.12
Body Temperature @ 100% Current Rating
214 °C
Dissipation Constant
32.4mW/°C
Thermal Time Constant
94 seconds
Material Type
“G”
Max Recommended Capacitance @120/240/440VAC
6000
µF/150
0
µF/450µF
Amp
Voltage
Resistance Hot
Power
1 A
0.615 V
0.615
0.615
2 A
0.550 V
0.275
1.1
3 A
0.515 V
0.171
1.545
4 A
0.930 V
0.232
3.72
5 A
0.899 V
0.179
4.50
6 A
0.874 V
0.145
5.24
Amp
Voltage
Resistance Hot
Power
7 A
0.820 V
0.117
5.74
8 A
0.789 V
0.098
6.31
9 A
0.722 V
0.080
6.49
10 A
0.670 V
0.067
6.70
11 A
0.638 V
0.058
7.02
12 A
0.620 V
0.051
7.44
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


Número de pieza similar - SL225R012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AMETHERM Circuit Protec...
SL225R012 AMETHERM-SL225R012 Datasheet
33Kb / 2P
   Erin Landis
SL225R012 AMETHERM-SL225R012_14 Datasheet
33Kb / 2P
   Erin Landis
More results

Descripción similar - SL225R012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AMETHERM Circuit Protec...
SL158R006 AMETHERM-SL158R006 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL224R014 AMETHERM-SL224R014 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL155R007 AMETHERM-SL155R007 Datasheet
34Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2250004 AMETHERM-SL2250004 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2220007 AMETHERM-SL2220007 Datasheet
32Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2220007-17 AMETHERM-SL2220007-17 Datasheet
31Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2230004 AMETHERM-SL2230004 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2230005 AMETHERM-SL2230005 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2240005 AMETHERM-SL2240005 Datasheet
31Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL220R712 AMETHERM-SL220R712 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com