Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA8874Z Datasheet(PDF) 10 Page - Toshiba Semiconductor

No. de pieza TA8874Z
Descripción Electrónicos  SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR DOMESTIC TV / VTR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8874Z Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TA8874Z Datasheet HTML 6Page - Toshiba Semiconductor TA8874Z Datasheet HTML 7Page - Toshiba Semiconductor TA8874Z Datasheet HTML 8Page - Toshiba Semiconductor TA8874Z Datasheet HTML 9Page - Toshiba Semiconductor TA8874Z Datasheet HTML 10Page - Toshiba Semiconductor TA8874Z Datasheet HTML 11Page - Toshiba Semiconductor TA8874Z Datasheet HTML 12Page - Toshiba Semiconductor TA8874Z Datasheet HTML 13Page - Toshiba Semiconductor TA8874Z Datasheet HTML 14Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TA8874Z
2001-01-15 10/14
AC CHARACTERISTICS
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
2fH
(31.5kHz)
A2fH
(Note 1)
90
130
170
mVp-p
fH
(15.7kHz)
AfH
(Note 2)
−14
dB
3fH
(47.2kHz)
A3fH
(Note 3)
−6
dB
3.5fH (55.07kHz)
A3.5fH
(Note 4)
−24
dB
4.5fH (70.8kHz)
A4.5fH
(Note 5)
−20
dB
6fH
(94.4kHz)
A6fH
(Note 6)
−26
dB
Output (L, R) MONO SUB
VTV
500
650
800
mVrms
Output Level Discrepancy
(L, R)
∆VTV
(Note 7)
SUB : V4 = 5V
−1.5
0
1.5
dB
Output Frequency
CharacteristicL, R (M, S) 100Hz
ATV.L
(Note 8)
SUB : V4 = 5V
0
0.9
2.5
dB
Output Frequency
CharacteristicL, R (MONO) 10kHz
ATV.H.M
(Note 9)
−16
−13
−10
dB
Output Frequency
CharacteristicL, R (SUB) 10kHz
ATV.H.S
(Note 10)
V4 = 5V
−16
−13
−10
dB
Distortion Factor Output MONO
(L, R)
THD TV-M
(Note 11)
0.2
1.1
%
Distortion Factor Output SUB (L,
R)
THD TV-S
(Note 12)
V4 = 5V
1.5
3.5
%
S / N MONO (L, R)
S / N TV-M
(Note 13)
60
70
dB
S / N SUB (L, R)
S / N TV-S
(Note 14)
V4 = 5V
60
65
dB
Cross Talk M→S
CR TV.MS
(Note 15)
V4 = 5V
60
70
dB
Cross Talk S→M
CR TV.SM
(Note 16)
V4 = 0V
60
70
dB
Remaining Carrier MAIN
VSUB.M
(Note 17)
V4 = 0V
40
70
mVp-p
Remaining Carrier SUB
VSUB.S
(Note 18)
V4 = 5V
130
160
mVp-p
Stereo Separation
SE TV
(Note 19)
34
dB
Q Signal AM Detection
VQ
(Note 20)
300
mVp-p
Q Signal Sensitivity
SQ
(Note 21)
14
dB
Mute After Sound Output
VTV MUT
(Note 22)
V7 = 5V
1.5
mVp-p
Mute DC Offset Output
Voff TV MUT
(Note 23)
V7 = 0→5V
5
100
mV
Mute on Voltage
VMUT ON
(Note 24)
V7 = 0~5V
1.75
2.0
V
Input Impedance MPX
RIN
Input resistance of pin 12
5
10
15
kΩ
Output Impedance
ROUT
Output resistance of pins
8 and 9
500
Q Signal Interference Elimination
Efficiency
AVQ
(Note 25)
5
10
dB


Número de pieza similar - TA8874Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8874Z TOSHIBA-TA8874Z Datasheet
450Kb / 14P
   SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR DOMESTIC TV/VTR
More results

Descripción similar - TA8874Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8874Z TOSHIBA-TA8874Z Datasheet
450Kb / 14P
   SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR DOMESTIC TV/VTR
TA1230Z TOSHIBA-TA1230Z Datasheet
490Kb / 12P
   TV SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR EIAJ SYSTEM
logo
Panasonic Semiconductor
AN5817NK PANASONIC-AN5817NK Datasheet
526Kb / 10P
   Multiplex sound demodulator IC for TV in the U.S.A
logo
List of Unclassifed Man...
AN5825 ETC1-AN5825 Datasheet
282Kb / 4P
   TV MULTIPLEX SOUND SYSTEM DEMODULATOR
logo
Panasonic Semiconductor
AN5819K PANASONIC-AN5819K Datasheet
109Kb / 11P
   Sound multiplex demodulator IC for TV in the North American market
logo
STMicroelectronics
STV83X8 STMICROELECTRONICS-STV83X8 Datasheet
99Kb / 4P
   TV sound processor with analog broadcast demodulator for BTSC standards
STV83X7 STMICROELECTRONICS-STV83X7 Datasheet
99Kb / 4P
   TV sound processor with analog broadcast demodulator for A2 and NICAM standards
logo
Panasonic Semiconductor
AN16903A PANASONIC-AN16903A Datasheet
254Kb / 8P
   IC for sound multiplex demodulation in NTSC (Japanese TV mode)
logo
NXP Semiconductors
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
   Sound I.F. amplifier/demodulator for TV
March 1986
logo
NEC
UPC1391H NEC-UPC1391H Datasheet
269Kb / 4P
   SOUND IF PROCESSOR FOR AUDIO MULTIPLEX TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com