Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB1R5-4815S Datasheet(PDF) 3 Page - Astrodyne Corporation

No. de pieza SB1R5-4815S
Descripción Electrónicos  Isolated and Regulated 1.5 WATT Modular DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASTRODYNE [Astrodyne Corporation]
Página de inicio  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SB1R5-4815S Datasheet(HTML) 3 Page - Astrodyne Corporation

  SB1R5-4815S Datasheet HTML 1Page - Astrodyne Corporation SB1R5-4815S Datasheet HTML 2Page - Astrodyne Corporation SB1R5-4815S Datasheet HTML 3Page - Astrodyne Corporation SB1R5-4815S Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
S B 1 R 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage Ranges:
5 VDC Nominal
4.5-5.5 VDC
12 VDC Nominal
10.8-13.2 VDC
24 VDC Nominal
21.6-26.4 VDC
48 VDC Nominal
43.2-52.8 VDC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation
10% to FL
+/- 0.5%
Line Regulation
(HL-LL)
+/- 0.3%
Temperature Coefficient
+/-0.02%/°C
Ripple/Noise(Single/Dual)
0.7% +40mVp-p max.
Voltage Accuracy
+/- 3%
Short Circuit Protection
Continuous
Efficiency
55D, 125D, 245D, 485D
52%
512S, 512D, 515D,
1212S, 1212D, 1215D,
2412S, 2412D, 2415D,
4812S, 4812D, 4815D
54%
55S, 515S, 524S,
125S, 1215S, 1224S,
245S, 2415S, 2424S,
485S,4815S, 4824S
55%
GENERAL SPECIFICATIONS
Input-Out Isolation
500VDC
Isolation Resistance
10-9nth Ohm min.
Switching Frequency
20Khz
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25 to +71°C(FL)
Storage Temperature
-55 to +105°C *
Cooling
Free Air Convection
MTBF
568,608 Hrs
PHYSICAL SPECIFICATIONS
Case Material
Non-Conductive Black Plastic
Construction
Fully Encapsulated
Weight
0.5 oz, (13g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Número de pieza similar - SB1R5-4815S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astrodyne Corporation
SB1R5-4815S ASTRODYNE-SB1R5-4815S Datasheet
176Kb / 4P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
More results

Descripción similar - SB1R5-4815S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astrodyne Corporation
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
ASD105 ASTRODYNE-ASD105 Datasheet
754Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5_16 Datasheet
173Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
SB1R5 ASTRODYNE-SB1R5_16 Datasheet
176Kb / 4P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
ASD105 ASTRODYNE-ASD105_16 Datasheet
177Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com