Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TA48015F Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de Pieza. TA48015F
Descripción  1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

TA48015F Datasheet(HTML) 4 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TA48015F
2006-11-02
4
Electrical Characteristics for All Products
Generally, the characteristics of power supply ICs change according to temperature fluctuations.
The specification Tj = 25℃ is based on a state where temperature increase has no effect (assuming no fluctuation
in the characteristics) as ascertained by pulse tests.
Standard Application Circuit
Be sure to connect a capacitor near the input terminal and output terminal between both terminals and GND.
The capacitances should be determined experimentally. In particular, adequate investigation should be made so
that there is no problem even in high or low temperatures.
1
2
VIN
TA48015F
3
VOUT
COUT
CIN
0.33
μF
33
μF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn