Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TA48015F Datasheet(Hoja de datos) 5 Page - Toshiba Semiconductor

No. de Pieza. TA48015F
Descripción  1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 5 page
background image
TA48015F
2006-11-02
5
PDmax – Ta
PDmax – S
VOUT – Tj
VOUT – VIN
IB – VIN
IB – Tj
Ambient temperature Ta (°C)
Cupper Base Area Size S (mm
2)
Junction temperature Tj (°C)
Input voltage VIN (V)
Input voltage VIN (V)
Junction temperature Tj (°C)
0
12
2
8
6
10
4
1
10
10000
10
1000
100
5
3
SUBSTRATE SIZE
50×50×1.6mmt
SUBSTRATE QUALITY
GLASS EPOXY
CUPPER BASE THICKNESS
35μm
IOUT = 1 A
0
20
8
16
4
150
−50
50
0
100
VIN = 3.5 V
12
IOUT = 0 A
IOUT = 0.5 A
0
10
4
8
2
6
0
2
4
Tj = 25°C
6
IOUT = 0.1 A
IOUT = 10 mA
0
2
6
0
1
1.5
4
0.5
2
Tj = 25°C
0.5 A
0.1 A
IOUT = 10 mA
160
0
100
60
20
80
140
Ta
= Tc
40
120
SINGLE
50
× 50 × 0.8 mmt
CONDITION:
NUMBER OF IC = 1
REFLOW SOLDERING ON
A CERAMIC SUBSTRATE
30
× 30 × 0.8 mmt
1.425
1.575
150
−50
1.5
1.55
50
1.45
0
100
VIN = 3.5 V
IOUT = 5 mA
1.475
1.525




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TA48L018F_06Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A 1 2 3 4 5 MoreToshiba Semiconductor
TA48LS00F300 mA Output Current Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48LS015F300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S00AF1A Output Current Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S015AF1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S018F1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA58MS05F500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
GL1147a low dropout at positive fixed-mode regulator with minimum of 1A output current capability. 1 2 3 GTM CORPORATION
TA4800AF1A Output Current Low Dropout Voltage Regulator 1 2 3 4 5 MoreToshiba Semiconductor
NCP5661_06Low Output Voltage Ultra−Fast 1.0 A Low Dropout Linear Regulator with Enable 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl