Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TA48015F Datasheet(Hoja de datos) 6 Page - Toshiba Semiconductor

No. de Pieza. TA48015F
Descripción  1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 6 page
background image
TA48015F
2006-11-02
6
0
70
10
100
0.1
1
60
10
20
VIN = 3.5 V
IOUT = 50mA
Tj = 25°C
30
40
50
0
2
0.5
2.0
0
1.0
0.5
1.5
1.5
1.0
VIN = 3.5 V
Tj = 25°C
VOUT – IOUT
Output current IOUT (A)
VD – Tj
Junction temperature Tj (°C)
IB – IOUT
Output current IOUT (A)
0
20
8
16
4
1
0
0.4
0.2
0.8
12
VIN = 3.5 V
Tj = 25°C
0.6
150
-50
50
0
100
0
0.2
0.6
1
0.8
0.4
IOUT = 0.1 A
IOUT = 0.5 A
IOUT = 1 A
R.R. – f
Frequency f (kHz)




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TA48L018F_06Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A 1 2 3 4 5 MoreToshiba Semiconductor
TA48LS00F300 mA Output Current Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48LS015F300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S00AF1A Output Current Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S015AF1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S018F1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA58MS05F500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
GL1147a low dropout at positive fixed-mode regulator with minimum of 1A output current capability. 1 2 3 GTM CORPORATION
TA4800AF1A Output Current Low Dropout Voltage Regulator 1 2 3 4 5 MoreToshiba Semiconductor
NCP5661_06Low Output Voltage Ultra−Fast 1.0 A Low Dropout Linear Regulator with Enable 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl