Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TA48015F Datasheet(Hoja de datos) 1 Page - Toshiba Semiconductor

No. de Pieza. TA48015F
Descripción  1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
TA48015F
2006-11-02
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA48015F
1.5 V
Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
The TA48015F consists of fixed-positive-output, low-dropout
regulators with an output current of 1 A (max) that utilize V-PNP
transistors for the output stage. This product responds to the
need for low-voltage and low-power dissipation devices for use in
consumer electronics and industrial appliances.
Features
Maximum output current: 1 A
Output voltage accuracy: VOUT ± 3% (@Tj = 25°C)
Low standby current: 800 μA (typ.) (@IOUT = 0 A)
Low starting quiescent current
Low-dropout voltage: VD = 0.8 V (max) (@IOUT = 0.5 A)
Protection function: over-heat/over-current
Package type: PW-MOLD
TA48015F has a lead bending type package which is a
surface-mountable package and can be used for reflow
soldering.
Pin Assignment
Marking
How to Order
Product No.
Package
Packing Type and Unit for Orders
(1) TA48015F
PW-MOLD: Straight-lead package
Loose in bag: 200 (1 bag)
(2) TA48015F (TE16L1, N)
PW-MOLD: Surface-mount package
Embossed-tape packing: 2000 (1 tape)
(1) TA48015F
(2) TA48015F (TE16L1, N)
Weight
HSIP3-P-2.30B : 0.36 g (typ.)
HSOP3-P-2.30D : 0.36 g (typ.)
48015F
Lot No.
(weekly code)
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)
1
OUT
Marking side
3
2
GND
IN




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TA48L018F_06Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A 1 2 3 4 5 MoreToshiba Semiconductor
TA48LS00F300 mA Output Current Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48LS015F300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S00AF1A Output Current Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S015AF1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S018F1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA58MS05F500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
GL1147a low dropout at positive fixed-mode regulator with minimum of 1A output current capability. 1 2 3 GTM CORPORATION
TA4800AF1A Output Current Low Dropout Voltage Regulator 1 2 3 4 5 MoreToshiba Semiconductor
NCP5661_06Low Output Voltage Ultra−Fast 1.0 A Low Dropout Linear Regulator with Enable 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl