Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TA48015F Datasheet(Hoja de datos) 2 Page - Toshiba Semiconductor

No. de Pieza. TA48015F
Descripción  1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 2 page
background image
TA48015F
2006-11-02
2
Block Diagram
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Input voltage
VIN
16
V
Output current
IOUT
1
A
Operating temperature
Ta (opr)
−40~85
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55~150
°C
(Ta = 25°C)
1
Power dissipation
(Tc = 25°C)
PD
10
W
(junction to
ambient)
Rth (j-a)
125
Thermal resistance
(junction to
case)
Rth (j-c)
12.5
°C/W
Note 1: External current and voltage ((including negative voltage) should not be applied to pins not specified.
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Protection Function (reference)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Thermal shutdown
TSD(Tj)
160
°C
VIN = 3.5 V, Tj = 25°C
1.7
Peak circuit current
IPEAK
VIN = 12 V, Tj = 25°C
1.8
A
VIN = 3.5 V, Tj = 25°C
1.7
Short circuit current
ISC
VIN = 12 V, Tj = 25°C
1.8
A
Note 3: The maximum ratings should not be exceeded when the IC is actually used.
1
IN
Overcurrent-
limiting circuit
2
OUT
3
GND
Overheating
detection circuit
Reference
voltage circuit
Constant
current circuit




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TA48L018F_06Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A 1 2 3 4 5 MoreToshiba Semiconductor
TA48LS00F300 mA Output Current Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48LS015F300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S00AF1A Output Current Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S015AF1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S018F1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA58MS05F500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
GL1147a low dropout at positive fixed-mode regulator with minimum of 1A output current capability. 1 2 3 GTM CORPORATION
TA4800AF1A Output Current Low Dropout Voltage Regulator 1 2 3 4 5 MoreToshiba Semiconductor
NCP5661_06Low Output Voltage Ultra−Fast 1.0 A Low Dropout Linear Regulator with Enable 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl