Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA76431F Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TA76431F
Descripción Electrónicos  Adjustable Precision Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA76431F Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TA76431F_06 Datasheet HTML 1Page - Toshiba Semiconductor TA76431F_06 Datasheet HTML 2Page - Toshiba Semiconductor TA76431F_06 Datasheet HTML 3Page - Toshiba Semiconductor TA76431F_06 Datasheet HTML 4Page - Toshiba Semiconductor TA76431F_06 Datasheet HTML 5Page - Toshiba Semiconductor TA76431F_06 Datasheet HTML 6Page - Toshiba Semiconductor TA76431F_06 Datasheet HTML 7Page - Toshiba Semiconductor TA76431F_06 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TA76431F/FR
2006-11-06
6
Frequency f (Hz)
ZKA – f
Frequency f (Hz)
AV – f
Time t (
μs)
Pulse response
Ambient temperature Ta (°C)
PD max – Ta
Load capacitance CL (μF)
Safe operating area
0.1
1
10
50
3
0.3
10 k
100 k
1 M
1 k
30
5
0.5
eo
IK
220
Ω
RS
GND
ei
S
R
i
e
o
e
KA
Z
KA
Z
S
R
i
e
o
e
KA
Z
S
R
KA
Z
KA
Z
S
R
i
e
o
e
=
=
+
=
Ta
= 25°C
VKA = VREF
1 mA ≦
−IK ≦ 100 mA
3
0
0
1
2
3
5
6
4
1
2
0
5
Output
220
Ω
GND
Pulse
Generator
f
= 100 kHz
Input
monitor
Input
Output
20
0
40
60
100
120
1.4
0.6
0
0.2
0.4
0.8
1.0
80
140
160
1.2
125°C/W
250°C/W
(1)
(2)
(1) Mounted on ceramic substate
(250 mm
2
× 0.8 mm t)
(2) Ta
= 25°C
10 M
1 M
100 k
1 k
−10
0
10
10 k
20
30
40
50
60
IK = 10 mA
Ta
= 25°C
IK
10
μF
VIN
VOUT
GND
100
0
20
40
60
80
D. Unstable
0.001
0.003
0.03
1
10
3
0.01
0.1
C. Unstable
0.3
5
100
30
Stable
Stable
B. Unstable
A. Unstable
Test circuit for curve A
IK
CL
150
Ω
Test circuit for curve B, C, D
IK
150
Ω
CL
Ta
= 25°C
A. VKA = VREF
B. VKA = 5 V @IK = 10 mA
C. VKA = 10 V @IK = 10 mA
D. VKA = 15 V @IK = 10 mA


Número de pieza similar - TA76431F_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA76431F TOSHIBA-TA76431F Datasheet
269Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGUALTOR
More results

Descripción similar - TA76431F_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com