Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8372 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD8372
Descripción Electrónicos  41 dB Range, 1 dB Step Size, Programmable Dual VGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8372 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8372 Datasheet HTML 2Page - Analog Devices AD8372 Datasheet HTML 3Page - Analog Devices AD8372 Datasheet HTML 4Page - Analog Devices AD8372 Datasheet HTML 5Page - Analog Devices AD8372 Datasheet HTML 6Page - Analog Devices AD8372 Datasheet HTML 7Page - Analog Devices AD8372 Datasheet HTML 8Page - Analog Devices AD8372 Datasheet HTML 9Page - Analog Devices AD8372 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8372
Rev. 0 | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage, VS
5.5 V
ENB1, ENB2, SDI1, SDI2, SDO1, SDO2,
CLK1, CLK2, LCH1, LCH2
VS + 500 mV
Differential Input Voltage, VIPC1 − VINC1,
VIPC2 − VINC2
V p-p
Internal Power Dissipation
1.4 W
θJA (Exposed Paddle Soldered Down)
34.6°C/W1, 2
θJC (At Exposed Paddle)
3.6°C/W2
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
1 Still air.
2 All values are modeled using a standard 4-layer JEDEC test board with the
pad soldered to the board and thermal vias in the board.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Número de pieza similar - AD8372

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8372 AD-AD8372 Datasheet
751Kb / 16P
   Programmable Dual VGA
AD8372-EVALZ AD-AD8372-EVALZ Datasheet
751Kb / 16P
   Programmable Dual VGA
AD8372ACPZ-R7 AD-AD8372ACPZ-R7 Datasheet
751Kb / 16P
   Programmable Dual VGA
AD8372ACPZ-WP AD-AD8372ACPZ-WP Datasheet
751Kb / 16P
   Programmable Dual VGA
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
   41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
More results

Descripción similar - AD8372

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
   41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
   Dual, 35 dB Range, 1 dB Step Size DGA
ADL5206 AD-ADL5206 Datasheet
1,010Kb / 25P
   1.0 GHz DGA with 30 dB Range and 1 dB Step Size
AD8375 AD-AD8375 Datasheet
237Kb / 6P
   24dB Range, 1dB Step Size Programmable VGA
Rev. PrB March 13, 2007
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
   3 dB/step, 30 dB Range
logo
Pasternack Enterprises,...
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
   Step Resolution of 1 dB
PE70A3901 PASTERNACK-PE70A3901 Datasheet
335Kb / 3P
   Step Resolution of 1 dB
PE70A3900 PASTERNACK-PE70A3900 Datasheet
477Kb / 8P
   Step Resolution of 1 dB
logo
Guerrilla RF, Inc.
GRF6402W GUERRILLA-GRF6402W Datasheet
1Mb / 24P
   31.75 dB RANGE / 0.25 dB STEP DSA 0.05 to 6 GHz
January 26, 2023
logo
Analog Devices
ADL5331 AD-ADL5331 Datasheet
702Kb / 16P
   1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com