Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


74AHC1G125DCKTE4 Datasheet(Hoja de datos) 3 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. 74AHC1G125DCKTE4
Descripción  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 
 3 page
background image
SN74AHC1G125
SINGLE BUS BUFFER GATE
WITH 3STATE OUTPUT
SCLS377J − AUGUST 1997 − REVISED JUNE 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
1.9
2
1.9
IOH = −50 mA
3 V
2.9
3
2.9
VOH
IOH = −50 mA
4.5 V
4.4
4.5
4.4
V
VOH
IOH = −4 mA
3 V
2.58
2.48
V
IOH = −8 mA
4.5 V
3.94
3.8
2 V
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
VOL
IOL = 50 mA
4.5 V
0.1
0.1
V
VOL
IOL = 4 mA
3 V
0.36
0.44
V
IOL = 8 mA
4.5 V
0.36
0.44
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1
mA
IOZ
VI = VCC or GND
5.5 V
±0.25
±2.5
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
1
10
mA
Ci
VI = VCC or GND
5 V
4
10
10
pF
Co
VO = VCC or GND
5 V
10
pF
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL = 15 pF
5.6
8
1
9.5
ns
tPHL
A
Y
CL = 15 pF
5.6
8
1
9.5
ns
tPZH
OE
Y
CL = 15 pF
5.4
8
1
9.5
ns
tPZL
OE
Y
CL = 15 pF
5.4
8
1
9.5
ns
tPHZ
OE
Y
CL = 15 pF
7
9.7
1
11.5
ns
tPLZ
OE
Y
CL = 15 pF
7
9.7
1
11.5
ns
tPLH
A
Y
CL = 50 pF
8.1
11.5
1
13
ns
tPHL
A
Y
CL = 50 pF
8.1
11.5
1
13
ns
tPZH
OE
Y
CL = 50 pF
7.9
11.5
1
13
ns
tPZL
OE
Y
CL = 50 pF
7.9
11.5
1
13
ns
tPHZ
OE
Y
CL = 50 pF
9.5
13.2
1
15
ns
tPLZ
OE
Y
CL = 50 pF
9.5
13.2
1
15
ns




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SN74AUC1G125SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT 1 2 3 4 5 MoreTexas Instruments
SN74LVC1G126_07SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT 1 2 3 4 5 MoreTexas Instruments
SN74AUC1G125_07SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT 1 2 3 4 5 MoreTexas Instruments
U74AHCT1G125SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT 1 2 3 4 5 Unisonic Technologies
U74AHCT1G126SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT 1 2 3 4 5 Unisonic Technologies
HD74LV1GT126ABus Buffer Gate with 3-state Output 1 2 3 4 5 MoreHitachi Semiconductor
TC7WG126FCCMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output 1 2 3 4 5 MoreToshiba Semiconductor
TC7WG126FUCMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output 1 2 3 4 5 MoreToshiba Semiconductor
TC7SZ125AFE_07Bus Buffer with 3-STATE Output 1 2 3 4 5 MoreToshiba Semiconductor
SN74LVC126AQUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl