Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28276 Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL28276
Descripción Electrónicos  Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28276 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28276_07 Datasheet HTML 5Page - Intersil Corporation ISL28276_07 Datasheet HTML 6Page - Intersil Corporation ISL28276_07 Datasheet HTML 7Page - Intersil Corporation ISL28276_07 Datasheet HTML 8Page - Intersil Corporation ISL28276_07 Datasheet HTML 9Page - Intersil Corporation ISL28276_07 Datasheet HTML 10Page - Intersil Corporation ISL28276_07 Datasheet HTML 11Page - Intersil Corporation ISL28276_07 Datasheet HTML 12Page - Intersil Corporation ISL28276_07 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6301.1
April 20, 2007
FIGURE 33. IIL (EN) vs TEMPERATURE VS = ±2.5V
FIGURE 34. IIH (EN) vs TEMPERATURE VS = ±2.5V
FIGURE 35. + SLEW RATE vs TEMPERATURE VS = ±2.5V
INPUT = ±0.75V AV = 2
FIGURE 36. - SLEW RATE vs TEMPERATURE VS = ±2.5V
INPUT = ±0.75V AV = 2
FIGURE 37. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 38. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
-4
-2
0
2
4
6
8
10
12
14
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 7
0.5
0.6
0.7
0.8
0.9
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 5
0.08
0.1
0.12
0.14
0.16
0.18
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 5
0.1
0.11
0.12
0.13
0.14
0.15
0.16
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 7
893mW
θ
JA =
11
2°C
/W
Q
SO
P1
6
1.4
1.2
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
633mW
θ
JA =1
58°
C/W
QS
OP
16
1.2
1
0.8
0.6
0.4
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
ISL28276, ISL28476


Número de pieza similar - ISL28276_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28276FBZ INTERSIL-ISL28276FBZ Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28276FBZ RENESAS-ISL28276FBZ Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
logo
Intersil Corporation
ISL28276IAZ INTERSIL-ISL28276IAZ Datasheet
530Kb / 12P
   Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
ISL28276IAZ INTERSIL-ISL28276IAZ Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28276IAZ RENESAS-ISL28276IAZ Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
More results

Descripción similar - ISL28276_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28276 INTERSIL-ISL28276 Datasheet
530Kb / 12P
   Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
logo
Linear Technology
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L Datasheet
274Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com