Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC4W66F Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TC4W66F
Descripción Electrónicos  Dual Bilateral Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4W66F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC4W66F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC4W66F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC4W66F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC4W66F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC4W66F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC4W66F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC4W66F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC4W66F_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TC4W66F/FU
2007-11-01
2
Logic Diagram
(1/2 TC4W66F)
Pin Assignment (top view)
Truth Table
Control
Impedance Between IN/OUT-OUT/IN
(Note 1)
H
0.5 to 5
× 102 Ω
L
>109 Ω
Note 1: See static electrical characteristics.
Operating Ranges (VSS = 0 V)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
DC supply voltage
VDD
3
18
V
Input/output voltage
VDD/VOUT
0
VDD
V
Static Electrical Characteristics (in case not specifically appointed, VSS = 0 V)
Ta
= −40°C
Ta
= 25°C
Ta
= 85°C
Characteristics
Symbol
Test
Circuit
Test Condition VDD
(V)
Min
Max
Min
Typ.
Max
Min
Max
Unit
Control input high
voltage
VIH
⏐IIS⏐ = 10 μA
5
10
15
3.5
7.0
11.0
3.5
7.0
11.0
2.75
5.50
8.25
3.5
7.0
11.0
V
Control input low
voltage
VIL
⏐IIS⏐ = 10 μA
5
10
15
1.5
3.0
4.0
2.25
4.5
6.75
1.5
3.0
4.0
1.5
3.0
4.0
V
On-state
resistance
RON
0 <= VIS <= VDD
RL = 10 kΩ
5
10
15
800
210
140
290
120
85
950
250
160
1200
300
200
Ω
ΔOn-state
resistance
(between any 2
switches)
RONΔ
5
10
15
10
6
4
Ω
Input/output
leakage current
IOFF
VIN = 18 V,
VOUT = 0 V
VIN = 0 V,
VOUT = 18 V
18
18
±100
±100
±0.1
±0.1
±100
±100
±1000
±1000
nA
Quiescent device
current
IDD
VIN = VDD,
VSS*
5
10
15
0.25
0.5
1.0
0.001
0.001
0.002
0.25
0.5
1.0
7.5
15
30
μA
H level
IIH
VIH = 18 V
18
0.1
10
5
0.1
1.0
Input
current
L level
IIL
VIL = 0 V
18
−0.1
−10−5
−0.1
−1.0
μA


Número de pieza similar - TC4W66F_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC4W66F TOSHIBA-TC4W66F_08 Datasheet
278Kb / 8P
   Dual Bilateral Switch
More results

Descripción similar - TC4W66F_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74V2T66 STMICROELECTRONICS-74V2T66_07 Datasheet
442Kb / 14P
   Dual bilateral switch
logo
Toshiba Semiconductor
TC7W66FK0 TOSHIBA-TC7W66FK0_09 Datasheet
222Kb / 10P
   Dual Bilateral Switch
logo
STMicroelectronics
74V2G66 STMICROELECTRONICS-74V2G66 Datasheet
62Kb / 8P
   DUAL BILATERAL SWITCH
logo
Toshiba Semiconductor
TC4W66F TOSHIBA-TC4W66F Datasheet
273Kb / 7P
   DUAL BILATERAL SWITCH
logo
STMicroelectronics
74V2G66 STMICROELECTRONICS-74V2G66_03 Datasheet
166Kb / 9P
   DUAL BILATERAL SWITCH
logo
Toshiba Semiconductor
TC4W66FU TOSHIBA-TC4W66FU_08 Datasheet
278Kb / 8P
   Dual Bilateral Switch
TC7W66F TOSHIBA-TC7W66F Datasheet
298Kb / 10P
   DUAL BILATERAL SWITCH
logo
STMicroelectronics
74V2T66 STMICROELECTRONICS-74V2T66 Datasheet
161Kb / 9P
   DUAL BILATERAL SWITCH
June 2003
logo
Toshiba Semiconductor
TC7W66F TOSHIBA-TC7W66F_01 Datasheet
328Kb / 11P
   DUAL BILATERAL SWITCH
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com