Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7MP98FK Datasheet(PDF) 7 Page - Toshiba Semiconductor

No. de pieza TC7MP98FK
Descripción Electrónicos  Low Voltage Triple Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MP98FK Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC7MP98FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MP98FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MP98FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MP98FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MP98FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MP98FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MP98FK Datasheet HTML 9Page - Toshiba Semiconductor TC7MP98FK Datasheet HTML 10Page - Toshiba Semiconductor TC7MP98FK Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TC7MP97,98FT/FK
2007-10-19
7
Electrical Characteristics
DC Characteristics (Ta
= −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.2
1.10
1.4
1.20
1.65
1.35
2.3
1.70
3.0
2.00
H-level
VP
3.6
2.20
V
1.2
0.10
1.4
0.20
1.65
0.30
2.3
0.50
3.0
0.70
Input voltage
L-level
VN
3.6
0.80
V
1.2
0.2
0.9
1.4
0.2
0.9
1.65
0.2
0.95
2.3
0.3
1.0
3.0
0.3
1.2
Hysteresis voltage
VH
3.6
0.3
1.2
V
IOH = −100 μA
1.2~1.3
Vcc - 0.1
IOH = −500 μA
1.4~1.6
Vcc - 0.2
IOH = −1.5 mA
1.65~1.95
Vcc - 0.3
IOH = −4.0 mA
2.3~2.7
Vcc - 0.4
H-level
VOH
VIN = VIH or VIL
IOH = −8.0 mA
3.0~3.6
2.40
IOL = 100 μA
1.2~1.3
0.10
IOL = 500 μA
1.4~1.6
0.20
IOL = 3.0 mA
1.65~1.95
0.25
IOL = 4.0 mA
2.3~2.7
0.40
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 8.0 mA
3.0~3.6
0.40
V
Input leakage current
IIN
VIN = 0~3.6 V
1.2~3.6
±5.0
μA
Power-off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
1.2~3.6
20.0
Quiescent supply current
ICC
VCC <= VIN <= 3.6 V
1.2~3.6
±20.0
Increase in ICC per input
ΔICC
VIH = VCC − 0.6 V
2.7~3.6
750
μA


Número de pieza similar - TC7MP98FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MP01FK TOSHIBA-TC7MP01FK Datasheet
219Kb / 9P
   Low-Voltage Triple Gate(6-input AND 4-input OR inverter)
TC7MP245FK TOSHIBA-TC7MP245FK Datasheet
264Kb / 12P
   Low-Voltage/Low-Power Octal Bus Transceiver with Bus-hold
TC7MP245FTG TOSHIBA-TC7MP245FTG Datasheet
264Kb / 12P
   Low-Voltage/Low-Power Octal Bus Transceiver with Bus-hold
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
More results

Descripción similar - TC7MP98FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SP97TU TOSHIBA-TC7SP97TU Datasheet
233Kb / 10P
   Low Voltage Single Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs
TC7SP57FU TOSHIBA-TC7SP57FU Datasheet
234Kb / 10P
   Low Voltage Single Configurable Multiple Function Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX08FT TOSHIBA-TC74VCX08FT_07 Datasheet
249Kb / 11P
   Low-Voltage Quad 2-Input AND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX04FT TOSHIBA-TC74VCX04FT_07 Datasheet
245Kb / 10P
   Low-Voltage Hex Inverter with 3.6-V Tolerant Inputs and Outputs
TC74VCX00FT TOSHIBA-TC74VCX00FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input NAND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX32FT TOSHIBA-TC74VCX32FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input OR Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX02FT TOSHIBA-TC74VCX02FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input NOR Gate with 3.6-V Tolerant Inputs and Outputs
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com