Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7MPH3125FTG Datasheet(PDF) 10 Page - Toshiba Semiconductor

No. de pieza TC7MPH3125FTG
Descripción Electrónicos  Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MPH3125FTG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC7MPH3125FTG Datasheet HTML 6Page - Toshiba Semiconductor TC7MPH3125FTG Datasheet HTML 7Page - Toshiba Semiconductor TC7MPH3125FTG Datasheet HTML 8Page - Toshiba Semiconductor TC7MPH3125FTG Datasheet HTML 9Page - Toshiba Semiconductor TC7MPH3125FTG Datasheet HTML 10Page - Toshiba Semiconductor TC7MPH3125FTG Datasheet HTML 11Page - Toshiba Semiconductor TC7MPH3125FTG Datasheet HTML 12Page - Toshiba Semiconductor TC7MPH3125FTG Datasheet HTML 13Page - Toshiba Semiconductor TC7MPH3125FTG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TC7MPH3125FK/FTG
2007-10-19
10
DC Characteristics (1.65 V ≤ VCCA < 2.3 V, 2.3 V ≤ VCCB ≤ 2.7 V)
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCCA (V) VCCB (V)
Min
Max
Unit
VIHA
DIR, OE , An
1.65 to 2.3 2.3 to 2.7
0.65
×
VCCA
H-level input voltage
VIHB
Bn
1.65 to 2.3 2.3 to 2.7
1.6
V
VILA
DIR, OE , An
1.65 to 2.3 2.3 to 2.7
0.35
×
VCCB
L-level input voltage
VILB
Bn
1.65 to 2.3 2.3 to 2.7
0.7
V
IOHA = −100 μA 1.65 to 2.3 2.3 to 2.7
VCCA
0.2
VOHA
IOHA = −3 mA
1.65
2.3 to 2.7
1.25
IOHB = −100 μA 1.65 to 2.3 2.3 to 2.7
VCCB
0.2
H-level output voltage
VOHB
VIN = VIH or VIL
IOHB = −9 mA
1.65 to 2.3
2.3
1.7
V
IOLA = 100 μA
1.65 to 2.3 2.3 to 2.7
0.2
VOLA
IOLA = 3 mA
1.65
2.3 to 2.7
0.3
IOLB = 100 μA
1.65 to 2.3 2.3 to 2.7
0.2
L-level output voltage
VOLB
VIN = VIH or VIL
IOLB = 9mA
1.65 to 2.3
2.3
0.6
V
IOZA
VIN = VIH or VIL
VOUT = 0 to 3.6 V
1.65 to 2.3 2.3 to 2.7
±2.0
3-state output OFF state current
IOZB
VIN = VIH or VIL
VOUT = 0 to 3.6 V
1.65 to 2.3 2.3 to 2.7
±2.0
μA
Input leakage current
IIN
VIN (DIR, OE ) = 0 to 3.6 V
1.65 to 2.3 2.3 to 2.7
±1.0
μA
VIN = 0.7 V
1.65 to 2.3
2.3
45
Bushold input minimum drive hold
current
IIHOLD
VIN = 1.6 V
1.65 to 2.3
2.3
-45
μA
(Note 1) 1.65 to 2.3
2.7
450
Bushold input over-drive current
to change state
IIOD
(Note 2) 1.65 to 2.3
2.7
-450
μA
IOFF
0
0
2.0
IOFF
1.65 to 2.3
0
2.0
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
1.65 to 2.3
Open
2.0
μA
ICCA
VINA = VCCA or GND
VINB = VCCB or GND
1.65 to 2.3 2.3 to 2.7
2.0
ICCB
VINA = VCCA or GND
VINB = VCCB or GND
1.65 to 2.3 2.3 to 2.7
2.0
μA
ICCA
VCCA (VIN, VOUT) 3.6 V
1.65 to 2.3 2.3 to 2.7
±2.0
Quiescent supply current
ICCB
VCCB (VIN, VOUT) 3.6 V
1.65 to 2.3 2.3 to 2.7
±2.0
μA
Note 1: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 2: An external driver must sink at least the specified current to switch from HIGH-to-LOW.


Número de pieza similar - TC7MPH3125FTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MPH3245FTG TOSHIBA-TC7MPH3245FTG Datasheet
318Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
More results

Descripción similar - TC7MPH3125FTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MPH3245FTG TOSHIBA-TC7MPH3245FTG Datasheet
318Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3125FTG TOSHIBA-TC7MPN3125FTG Datasheet
307Kb / 22P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3245FTG TOSHIBA-TC7MP3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3245FTG TOSHIBA-TC7MPN3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16245FT TOSHIBA-TC74VCXH16245FT Datasheet
190Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC74VCXH16652FT TOSHIBA-TC74VCXH16652FT Datasheet
238Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com