Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HCT86E Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HCT86E
Descripción Electrónicos  High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT86E Datasheet(HTML) 4 Page - Texas Instruments

  CD74HCT86E Datasheet HTML 1Page - Texas Instruments CD74HCT86E Datasheet HTML 2Page - Texas Instruments CD74HCT86E Datasheet HTML 3Page - Texas Instruments CD74HCT86E Datasheet HTML 4Page - Texas Instruments CD74HCT86E Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or
VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or
VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC
and
GND
-
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
2
-
20
-
40
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
- 2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO +85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
All
1
NOTE: Unit Load is
∆ICC limit specified in DC Electrical
Specifications table, e.g. 360
µA max at 25oC.
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay,Input to
Output (Figure 1)
tPLH, tPHL CL = 50pF
2
-
-
120
-
150
-
180
ns
4.5
-
-
24
-
30
-
36
ns
6
-
-
20
-
26
-
31
ns
Propagation Delay, Data Input to
Output Y
tPLH, tPHL CL = 15pF
5
-
9
-
----
ns
Transition Times (Figure 1)
tTLH, tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
CD54HC86, CD74HC86, CD54HCT86, CD74HCT86


Número de pieza similar - CD74HCT86E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HCT86E TI-CD74HCT86E Datasheet
45Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gate
CD74HCT86E TI-CD74HCT86E Datasheet
270Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD74HCT86E TI-CD74HCT86E Datasheet
414Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD74HCT86E TI-CD74HCT86E Datasheet
443Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD74HCT86EE4 TI-CD74HCT86EE4 Datasheet
270Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
More results

Descripción similar - CD74HCT86E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC86 TI-CD54HC86 Datasheet
270Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD54HC86 TI-CD54HC86_07 Datasheet
414Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD74HC86 TI-CD74HC86 Datasheet
45Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gate
CD54HC86 TI-CD54HC86_08 Datasheet
443Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
logo
ELM Technology Corporat...
ELM7SH86XB ELM-TECH-ELM7SH86XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input Exclusive OR gate
logo
IK Semicon Co., Ltd
IN74AC86 IKSEMICON-IN74AC86 Datasheet
149Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC86 INTEGRAL-IN74AC86 Datasheet
84Kb / 4P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD54HC7266 TI-CD54HC7266 Datasheet
264Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
CD74HC7266 TI-CD74HC7266 Datasheet
36Kb / 5P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
CD54HC7266 TI-CD54HC7266_07 Datasheet
409Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com