Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7MZ573FK Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TC7MZ573FK
Descripción Electrónicos  Low Voltage Octal D-Type Latch with 5 V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MZ573FK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7MZ573FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MZ573FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MZ573FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MZ573FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MZ573FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MZ573FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MZ573FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MZ573FK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC7MZ573FK
2007-10-19
5
AC Characteristics (Ta = −40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
2.7
9.0
Propagation delay time (D-Q)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
1.5
8.0
ns
2.7
9.5
Propagation delay time (LE-Q)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
1.5
8.5
ns
2.7
9.5
Output enable time
tpZL
tpZH
Figure 1, Figure 3
3.3
± 0.3
1.5
8.5
ns
2.7
7.0
Output disable time
tpLZ
tpHZ
Figure 1, Figure 3
3.3
± 0.3
1.5
6.5
ns
2.7
3.3
Minimum pulse width (LE)
tw (H)
Figure 1, Figure 2
3.3
± 0.3
3.3
ns
2.7
2.5
Minimum set-up time
ts
Figure 1, Figure 2
3.3
± 0.3
2.5
ns
2.7
1.5
Minimum hold time
th
Figure 1, Figure 2
3.3
± 0.3
1.5
ns
2.7
Output to output skew
tosLH
tosHL
(Note)
3.3
± 0.3
1.0
ns
Note: This parameter is guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
Dynamic Switching Characteristics
(Ta
= 25°C, Input: tr = tf = 2.5 ns, CL = 50 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Quiet output maximum dynamic VOL
VOLP
VIH = 3.3 V, VIL = 0 V
3.3
0.8
V
Quiet output minimum dynamic VOL
|VOLV| VIH = 3.3 V, VIL = 0 V
3.3
0.8
V
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
3.3
7
pF
Output capacitance
COUT
3.3
8
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note)
3.3
25
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)


Número de pieza similar - TC7MZ573FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MZ573FK TOSHIBA-TC7MZ573FK Datasheet
261Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Descripción similar - TC7MZ573FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MZ373FK TOSHIBA-TC7MZ373FK_07 Datasheet
192Kb / 8P
   Low-Voltage Octal D-Type Latch with 5 V Tolerant Inputs and Outputs
TC74LCX373F TOSHIBA-TC74LCX373F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX573F TOSHIBA-TC74LCX573F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX373F TOSHIBA-TC74LCX373F_10 Datasheet
236Kb / 11P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX573F TOSHIBA-TC74LCX573F_10 Datasheet
236Kb / 11P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC7MA2373FK TOSHIBA-TC7MA2373FK_07 Datasheet
229Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2373FT TOSHIBA-TC74VCX2373FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX373FT TOSHIBA-TC74VCX373FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com